전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-P7STA1.PM 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 GW-P7STA1.PM
상세설명  New SMD epoxy package with silicone lens
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P7STA1.PM 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button GW-P7STA1.PM Datasheet HTML 7Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 8Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 9Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 10Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 11Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 12Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 13Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 14Page - OSRAM GmbH GW-P7STA1.PM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Relative Forward Voltage 7) page 22
Relative Vorwärtsspannung 7) Seite 22
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 7) page 22
Relativer Lichtstrom 7) Seite 22
ΦVV(85 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 7) page 22
Farbortverschiebung 7) Seite 22
ΔCx, ΔCy = f(Tj); IF = 700 mA
GW P7STA1.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GW P7STA1.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(85°C)
GW P7STA1.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
: Cx - white
: Cy - white
Version 1.2
GW P7STA1.PM
2017-08-14
11


유사한 부품 번호 - GW-P7STA1.PM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-P7STA2.PM OSRAM-GW-P7STA2.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
More results

유사한 설명 - GW-P7STA1.PM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-PUSRA1.PM OSRAM-GW-PUSRA1.PM Datasheet
2Mb / 24P
   New SMD epoxy package with silicone lens
GW-P7STA2.PM OSRAM-GW-P7STA2.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
GWP7STA1.PM OSRAM-GWP7STA1.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
GWPUSRA1.EM OSRAM-GWPUSRA1.EM Datasheet
1Mb / 24P
   New SMD epoxy package with silicone lens
GW-PUSRA1.EM OSRAM-GW-PUSRA1.EM Datasheet
1Mb / 24P
   New SMD epoxy package with silicone lens
GW-PUSTA1.PM OSRAM-GW-PUSTA1.PM Datasheet
1Mb / 24P
   New SMD epoxy package with silicone lens
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com