전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-P9LMS1.EM 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 GW-P9LMS1.EM
상세설명  white SMT package, colored diffused
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P9LMS1.EM 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button GW-P9LMS1.EM Datasheet HTML 7Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 8Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 9Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 10Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 11Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 12Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 13Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 14Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Draft Version 0.0
GW P9LRS1.EM
2013-07-15
11
DRAFT – For Reference only.
Subject to change.
Relative Forward Voltage 8) page 22
Relative Vorwärtsspannung 8) Seite 22
ΔVF = VF - VF(25°C) = f(Tj); IF = 200 mA
Relative Luminous Flux 8) page 22
Relative Lichtstrom 8) Seite 22
ΦVV(25 °C) = f(Tj); IF = 200 mA
Chromaticity Coordinate Shift 8) page 22
Farbortverschiebung 8) Seite 22
Cx, Cy = f(Tj); IF = 200 mA
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-1.0
-0.5
0.0
0.5
1.0
1.5
ΔVF [V]
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
GW P9LRS1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.40
0.41
0.42
0.43
Cx
Cy
: Cx
: Cy


유사한 부품 번호 - GW-P9LMS1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-P9LM31.EM OSRAM-GW-P9LM31.EM Datasheet
2Mb / 25P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - GW-P9LMS1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
   white SMT package, colored diffused
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
GY-PSLM31.13 OSRAM-GY-PSLM31.13 Datasheet
894Kb / 22P
   white SMT package, colored diffused resin
LW-T773 OSRAM-LW-T773 Datasheet
453Kb / 21P
   white SMT package, colored diffused resin
LW-P473 OSRAM-LW-P473 Datasheet
694Kb / 22P
   white SMT package, colored diffused resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
   white SMT package, colored diffused resin
LWT773 OSRAM-LWT773 Datasheet
453Kb / 21P
   white SMT package, colored diffused resin
LW-Y87S OSRAM-LW-Y87S Datasheet
445Kb / 16P
   white SMT package, colored diffused resin
LW-Y87C OSRAM-LW-Y87C Datasheet
607Kb / 22P
   white SMT package, colored diffused resin
LW-A673 OSRAM-LW-A673 Datasheet
585Kb / 23P
   white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com