전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-PSLM31.CM 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 GW-PSLM31.CM
상세설명  white SMT package, colored diffused silicone resin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-PSLM31.CM 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button GW-PSLM31.CM Datasheet HTML 7Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 8Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 9Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 10Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 11Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 12Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 13Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 14Page - OSRAM GmbH GW-PSLM31.CM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 1.3
GW PSLM31.CM
IF = f (VF); TJ = 25 °C
ΦVV(65 mA) = f(IF); TJ = 25 °C
ΔCx, ΔCy = f(IF); TJ = 25 °C
GW PSLM31.CM
2,6
3,3
2,8
3,0
3,2
VF [V]
10
20
40
60
80
100
120
140
160
180
200
IF [mA]
GW PSLM31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
0,5
1,0
1,5
2,0
2,5
Φ
V
Φ
V(65mA)
GW PSLM31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
:
Cx -
:
Cy -
2017-07-07
11
Forward Current 6) page 23 , 8) page 23
Durchlassstrom 6) Seite 23 , 8) Seite 23
Relative Luminous Flux 6) page 23 , 8) page 23
Relativer Lichtstrom 6) Seite 23 , 8) Seite 23
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23


유사한 부품 번호 - GW-PSLM31.CM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - GW-PSLM31.CM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com