전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-PUSRA1.EM 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 GW-PUSRA1.EM
상세설명  New SMD epoxy package with silicone lens
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-PUSRA1.EM 데이터시트(HTML) 3 Page - OSRAM GmbH

  GW-PUSRA1.EM Datasheet HTML 1Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 2Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 3Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 4Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 5Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 6Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 7Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 8Page - OSRAM GmbH GW-PUSRA1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Version 1.0
GW PUSRA1.EM
2018-02-23
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature
Sperrschichttemperatur
Tj
135
°C
Forward current
Durchlassstrom
(T
J = 85 °C)
I
F
200 ... 1500
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TJ = 85 °C)
IFM
2000
mA
Reverse current 1) page 23
Sperrstrom 1) Seite 23
IR
200
mA
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV


유사한 부품 번호 - GW-PUSRA1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-PUSRA1.PM OSRAM-GW-PUSRA1.PM Datasheet
2Mb / 24P
   New SMD epoxy package with silicone lens
More results

유사한 설명 - GW-PUSRA1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-PUSRA1.PM OSRAM-GW-PUSRA1.PM Datasheet
2Mb / 24P
   New SMD epoxy package with silicone lens
GW-P7STA2.PM OSRAM-GW-P7STA2.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
GWP7STA1.PM OSRAM-GWP7STA1.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
GWPUSRA1.EM OSRAM-GWPUSRA1.EM Datasheet
1Mb / 24P
   New SMD epoxy package with silicone lens
GW-P7STA1.PM OSRAM-GW-P7STA1.PM Datasheet
1Mb / 23P
   New SMD epoxy package with silicone lens
GW-PUSTA1.PM OSRAM-GW-PUSTA1.PM Datasheet
1Mb / 24P
   New SMD epoxy package with silicone lens
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com