전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-E6SF 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 LA-E6SF
상세설명  white PLCC-4 package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E6SF 데이터시트(HTML) 4 Page - OSRAM GmbH

  LA-E6SF Datasheet HTML 1Page - OSRAM GmbH LA-E6SF Datasheet HTML 2Page - OSRAM GmbH LA-E6SF Datasheet HTML 3Page - OSRAM GmbH LA-E6SF Datasheet HTML 4Page - OSRAM GmbH LA-E6SF Datasheet HTML 5Page - OSRAM GmbH LA-E6SF Datasheet HTML 6Page - OSRAM GmbH LA-E6SF Datasheet HTML 7Page - OSRAM GmbH LA-E6SF Datasheet HTML 8Page - OSRAM GmbH LA-E6SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-10-02
4
Version 1.2
LA E6SF
Characteristics (TS = 25 °C; IF = 50 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
624
nm
Dominant Wavelength 2)page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
18
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 20
Durchlassspannung 3)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
1.90
2.15
2.50
V
V
V
Reverse current
Sperrstrom
(typ.)
(max.)
IR
IR
0.2
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.08
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.50
mV/K
Real thermal resistance junction / ambient
4) page 20 , 5) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 20 , 5) Seite 20
(max.)
Rth JA real
300
K/W
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(max.)
Rth JS real
130
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite


유사한 부품 번호 - LA-E6SF

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LA-E6SF OSRAM-LA-E6SF Datasheet
475Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin
More results

유사한 설명 - LA-E6SF

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LT-E6SG OSRAM-LT-E6SG Datasheet
497Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com