전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-E65F 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LA-E65F
상세설명  white P-LCC-4 package, colorless clear resin
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E65F 데이터시트(HTML) 5 Page - OSRAM GmbH

  LA-E65F Datasheet HTML 1Page - OSRAM GmbH LA-E65F Datasheet HTML 2Page - OSRAM GmbH LA-E65F Datasheet HTML 3Page - OSRAM GmbH LA-E65F Datasheet HTML 4Page - OSRAM GmbH LA-E65F Datasheet HTML 5Page - OSRAM GmbH LA-E65F Datasheet HTML 6Page - OSRAM GmbH LA-E65F Datasheet HTML 7Page - OSRAM GmbH LA-E65F Datasheet HTML 8Page - OSRAM GmbH LA-E65F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LA E65F
2003-09-22
5
Wellenlängengruppen (Dominantwellenlänge)
4)
Wavelength Groups (Dominant Wavelength)
4)
Gruppe
Group
Wellenlänge
Wavelength
Einheit
Unit
min.
max.
2
612
616
nm
3
616
620
nm
4
620
624
nm
Durchlassspannungsgruppen
5)
Forward Voltage Groups
5)
Gruppe
Group
Durchlassspannung
Forward voltage
Einheit
Unit
min.
max.
3B
2.05
2.20
V
4A
2.20
2.35
V
4B
2.35
2.50
V
5A
2.50
2.65
V
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstärke
1)
Luminous Intensity
1)
I
V (mcd)
Lichtstrom
2)
Luminous Flux
2)
Φ
V (mlm)
CA
CB
DA
2800 … 3550
3550 … 4500
4500 … 5600
3700 (typ.)
4800 (typ.)
6000 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus
3 Helligkeitshalbgruppen. Einzelne Helligkeitshalbgruppen sind nicht bestellbar.
Note: The standard shipping format for serial types includes a family group of 3 individual brightness
half groups. Individual brightness half groups cannot be ordered.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: CB-3-4A
Example: CB-3-4A
Helligkeitsgruppe
Brightness Group
Halbgruppe
Half Group
Wellenlänge
Wavelength
Durchlassspannung
Forward Voltage
CB
3
4A
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
Note: No packing unit / tape ever contains more than one group for each selection.


유사한 부품 번호 - LA-E65F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LA-E65F-CBEA-24 OSRAM-LA-E65F-CBEA-24 Datasheet
546Kb / 21P
   Power TOPLED Lens
More results

유사한 설명 - LA-E65F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LAY-T67F OSRAM-LAY-T67F Datasheet
254Kb / 16P
   white P-LCC-4 package, colorless clear resin
LBLTLVE63C OSRAM-LBLTLVE63C Datasheet
363Kb / 18P
   white P-LCC-4 package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSG-T676 OSRAM-LSG-T676 Datasheet
362Kb / 16P
   white P-LCC-4 package, colorless clear resin
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
   white P-LCC-4 package, colorless clear resin
LOG-T671 OSRAM-LOG-T671 Datasheet
529Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSYT675 OSRAM-LSYT675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LB-E67C OSRAM-LB-E67C Datasheet
458Kb / 17P
   white P-LCC-4 package, colorless clear resin
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
   white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com