전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-Q39E 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LB-Q39E
상세설명  SMT package 0603, colorless diffused resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-Q39E 데이터시트(HTML) 5 Page - OSRAM GmbH

  LB-Q39E Datasheet HTML 1Page - OSRAM GmbH LB-Q39E Datasheet HTML 2Page - OSRAM GmbH LB-Q39E Datasheet HTML 3Page - OSRAM GmbH LB-Q39E Datasheet HTML 4Page - OSRAM GmbH LB-Q39E Datasheet HTML 5Page - OSRAM GmbH LB-Q39E Datasheet HTML 6Page - OSRAM GmbH LB-Q39E Datasheet HTML 7Page - OSRAM GmbH LB-Q39E Datasheet HTML 8Page - OSRAM GmbH LB-Q39E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LB Q39E
2015-09-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
L2
14
18
70
M1
18
22.4
80
M2
22.4
28
110
N1
28
35.5
130
N2
35.5
45
170
P1
45
56
210
P2
56
71
270
Q1
71
90
340
Q2
90
112
420
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3X
2.60
2.70
3Y
2.70
2.80
3Z
2.80
2.90
4X
2.90
3.00
4Y
3.00
3.10
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


유사한 부품 번호 - LB-Q39E

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LB-Q39E-N1OO-35-1 OSRAM-LB-Q39E-N1OO-35-1 Datasheet
1Mb / 21P
   CHIPLED 0603
More results

유사한 설명 - LB-Q39E

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
   SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
   SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
   SMT package 0603, colorless diffused resin
LOQ976-PS-25 OSRAM-LOQ976-PS-25 Datasheet
528Kb / 20P
   SMT package 0603, colorless diffused resin
LA-L296 OSRAM-LA-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LB-L293 OSRAM-LB-L293 Datasheet
396Kb / 21P
   SMT package 0603, colorless diffused resin
LT-Q39E OSRAM-LT-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com