전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3162E 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 CA3162E
상세설명  A/D Converters for 3-Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3162E 데이터시트(HTML) 1 Page - Renesas Technology Corp

  CA3162E Datasheet HTML 1Page - Renesas Technology Corp CA3162E Datasheet HTML 2Page - Renesas Technology Corp CA3162E Datasheet HTML 3Page - Renesas Technology Corp CA3162E Datasheet HTML 4Page - Renesas Technology Corp CA3162E Datasheet HTML 5Page - Renesas Technology Corp CA3162E Datasheet HTML 6Page - Renesas Technology Corp CA3162E Datasheet HTML 7Page - Renesas Technology Corp CA3162E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN1080 Rev.3.00
Page 1 of 8
Apr 2002
FN1080
Rev.3.00
Apr 2002
CA3162
A/D Converters for 3-Digit Display
DATASHEET
Features
• Dual Slope A/D Conversion
• Multiplexed BCD Display
• Ultra Stable Internal Band Gap Voltage Reference
• Capable of Reading 99mV Below Ground with Single
Supply
• Differential Input
• Internal Timing - No External Clock Required
• Choice of Low Speed (4Hz) or High Speed (96Hz)
Conversion Rate
• “Hold” Inhibits Conversion but Maintains Delay
• Overrange Indication
- “EEE” for Reading Greater than +999mV, “-” for
Reading More Negative than -99mV When Used With
CA3161E
Description
The CA3162E and CA3162AE are I2L monolithic A/D
converters that provide a 3 digit multiplexed BCD output.
They are used with the CA3161E BCD-to-Seven-Segment
Decoder/Driver and a minimum of external parts to imple-
ment a complete 3-digit display. The CA3162AE is identical
to the CA3162E except for an extended operating tempera-
ture range.
The CA3161E is described in the Display Drivers section of
this data book.
Ordering Information
Pinout
CA3162 (PDIP)
TOP VIEW
Functional Block Diagram
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3162E
0 to 70
16 Ld PDIP
E16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
21
20
NSD
MSD
LSD
HOLD/
ZERO ADJ
GND
23
V+
GAIN ADJ
INTEGRATING
HIGH INPUT
LOW INPUT
ZERO ADJ
22
CAP
BYPASS
BCD
OUTPUTS
DIGIT
SELECT
OUTPUTS
BCD
OUTPUTS


유사한 부품 번호 - CA3162E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3162E INTERSIL-CA3162E Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162E INTERSIL-CA3162E Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
More results

유사한 설명 - CA3162E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com