전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12020M 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ISL12020M
상세설명  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12020M 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ISL12020M Datasheet HTML 6Page - Renesas Technology Corp ISL12020M Datasheet HTML 7Page - Renesas Technology Corp ISL12020M Datasheet HTML 8Page - Renesas Technology Corp ISL12020M Datasheet HTML 9Page - Renesas Technology Corp ISL12020M Datasheet HTML 10Page - Renesas Technology Corp ISL12020M Datasheet HTML 11Page - Renesas Technology Corp ISL12020M Datasheet HTML 12Page - Renesas Technology Corp ISL12020M Datasheet HTML 13Page - Renesas Technology Corp ISL12020M Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 10 of 34
January 9, 2015
FIGURE 5. IDD1 vs TEMPERATURE
FIGURE 6. IDD1 vs VDD
FIGURE 7. OSCILLATOR ERROR vs TEMPERATURE
FIGURE 8. FOUT vs IDD
FIGURE 9. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
FIGURE 10. IBAT WITH TSE = 1, BTSE = 1 vs TEMPERATURE
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
2
3
4
5
6
-40
-20
0
20406080
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.3V
VBAT = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.73.2
3.74.2
4.75.2
VDD (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
406080
TEMPERATURE (°C)
VDD = 3.3V
VDD = 2.7V
VDD = 5.5V
2
3
4
5
6
0.01
1
100
10k
1M
FREQUENCY OUTPUT (Hz)
0.1
10
1k
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
204060
80
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 1Hz AND 64Hz
20
30
40
50
60
70
80
90
100
110
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V


유사한 부품 번호 - ISL12020M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

유사한 설명 - ISL12020M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com