전자부품 데이터시트 검색엔진 |
|
ISL12057IRUZ-T 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
ISL12057IRUZ-T 데이터시트(HTML) 2 Page - Renesas Technology Corp |
2 / 18 page ISL12057 FN6755 Rev 2.00 Page 2 of 18 Sep 25, 2015 Block Diagram Ordering Information PART NUMBER PART MARKING VDD RANGE (V) TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL12057IBZ (Notes 1, 2) 12057 IBZ 1.4 to 3.6 -40 to +85 8 Ld SOIC M8.15 ISL12057IUZ (Notes 1, 2) 12057 1.4 to 3.6 -40 to +85 8 Ld MSOP M8.118 ISL12057IRUZ-T (Notes 3, 4) (No longer available or supported) 057 1.4 to 3.6 -40 to +85 8 Ld UTDFN (Tape and Reel) L8.2x2 ISL12057EVALZ Evaluation Board NOTES: 1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. Please refer to TB347 for details on reel specifications. I2C INTERFACE RTC CONTROL LOGIC ALARM2 FREQUENCY OUT RTC DIVIDER SDA BUFFER CRYSTAL OSCILLATOR POR SCL BUFFER SDA SCL X1 X2 VDD INTERNAL SUPPLY SECONDS MINUTES HOURS DAY OF WEEK DATE MONTH YEAR CONTROL REGISTERS ALARM1 IRQ2 IRQ1/FOUT |
유사한 부품 번호 - ISL12057IRUZ-T |
|
유사한 설명 - ISL12057IRUZ-T |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |