전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL25700 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 ISL25700
상세설명  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL25700 데이터시트(HTML) 1 Page - Renesas Technology Corp

  ISL25700 Datasheet HTML 1Page - Renesas Technology Corp ISL25700 Datasheet HTML 2Page - Renesas Technology Corp ISL25700 Datasheet HTML 3Page - Renesas Technology Corp ISL25700 Datasheet HTML 4Page - Renesas Technology Corp ISL25700 Datasheet HTML 5Page - Renesas Technology Corp ISL25700 Datasheet HTML 6Page - Renesas Technology Corp ISL25700 Datasheet HTML 7Page - Renesas Technology Corp ISL25700 Datasheet HTML 8Page - Renesas Technology Corp ISL25700 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN6885 Rev 1.00
Page 1 of 18
July 23, 2014
FN6885
Rev 1.00
July 23, 2014
ISL25700
Programmable Temperature Controlled MOSFET Driver
DATASHEET
The Temperature Controlled MOSFET Driver is a highly
integrated solution that combines a MOSFET driver with
overcurrent protection and two 8-bit resolution DACs on a
monolithic CMOS integrated circuit (IC).
The ISL25700 sets up and monitors temperature at the point of
interest, compares it with the user programmable setpoint, and
adjusts the output until the set temperature is reached. An external
power MOSFET, a heater, an NTC thermistor and the ISL25700 are
parts of the temperature control loop.
It also features programmable overcurrent protection of the
MOSFET. The current protection automatically adjusts the
output voltage in order to keep MOSFET power under user
defined limits. The protection settings always override the
temperature settings that cause violation of the current limit.
There is an additional 8-bit General Purpose DAC that is
available for application specific use.
The ISL25700 can be used in a variety of applications where
constant temperature is a key parameter.
Applications
• Oven Controlled Applications with Micro Temperature
Chamber in:
-Basestations
-Spectrometers
- Precision Meters
- Precision Generators
Features
• User-programmable setpoint via I2C serial interface
• Setpoint temperature range from +40°C to +110°C
• Operational temperature range from -40°C to +125°C
• 3°C initial setpoint accuracy
• Coarse and fine tuning setpoint control
- +15°C coarse adjustment
- +0.1°C fine adjustment
• ±0.5°C long-term drift error
• Programmable current protection of external MOSFET
• 5-bit Selectable Gain Control
• Wide Power Supply Range: 3V to 15V
•Works with 20k
 to 200k External NTC Thermistor
• General Purpose 8-bit DAC - 0.4% Output Resolution
• High Reliability
- Endurance: 10,000 Data Changes per Bit per Register
- Register Data Retention: 10 years @ T
 +125°C
• 10 Lead µTQFN 2.1mmx1.6mm Package
• Pb-free (RoHS Compliant)
Related Literature
• AN1825, “Overcoming the Minimum VDD Ramp Rate
Limitation of the ISL25700”
FIGURE 1. TYPICAL TEMPERATURE SETTLING TIME
100
80
60
40
20
0
03
69
12
15
TIME (MINUTES)
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


유사한 부품 번호 - ISL25700

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T INTERSIL-ISL25700FRUZ-T Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A INTERSIL-ISL25700FRUZ-T7A Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK INTERSIL-ISL25700FRUZ-TK Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

유사한 설명 - ISL25700

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com