전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28236FBZ 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 ISL28236FBZ
상세설명  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28236FBZ 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button ISL28236FBZ Datasheet HTML 3Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 4Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 5Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 6Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 7Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 8Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 9Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 10Page - Renesas Technology Corp ISL28236FBZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL28236
FN6921 Rev 2.00
Page 7 of 15
July 24, 2014
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT NOISE VOLTAGE 0.1Hz TO 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. SUPPLY CURRENT vs TEMPERATURE vs SUPPLY
VOLTAGE
FIGURE 18. NEGATIVE SUPPLY CURRENT vs TEMPERATURE, V+,
V- = ±2.5V
Typical Performance Curves V
+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. Plots labeled Min, Median, and Max correspond
to a distribution of devices in the SOIC package. (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
123
45
6789
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 10, Rf = 100k
AV = 10000
CL = 16.3pF
TIME (µs)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
0
10
203040
50
607080
V+, V- = ±2.5V
RL = 1k and 10k
AV = 2
VOUT = 4VP-P
CL = 4pF
TIME (µs)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V+, V- = ±1.2V AND ±2.5V
CL = 4pF
AV = 1
RL = 1k and 10k
VOUT = 100mVP-P
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
VS = ±2.5V
VS = ±2.875V
VS = ±1.5V
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
MIN
MEDIAN
MAX


유사한 부품 번호 - ISL28236FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236FBZ-T7A INTERSIL-ISL28236FBZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results

유사한 설명 - ISL28236FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com