전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28236FBZ-T7 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 ISL28236FBZ-T7
상세설명  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28236FBZ-T7 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button ISL28236FBZ-T7 Datasheet HTML 2Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 3Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 4Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 9Page - Renesas Technology Corp ISL28236FBZ-T7 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL28236
FN6921 Rev 2.00
Page 6 of 15
July 24, 2014
FIGURE 7. GAIN vs FREQUENCY vs CL
FIGURE 8. CMRR vs FREQUENCY; V+ = 2.4V AND 5V
FIGURE 9. PSRR vs FREQUENCY, V+, V- = ±1.2V
FIGURE 10. PSRR vs FREQUENCY, V+, V- = ±2.5V
FIGURE 11. CROSSTALK vs FREQUENCY, V+, V- = ±2.5V
FIGURE 12. INPUT NOISE VOLTAGE DENSITY vs FREQUENCY
Typical Performance Curves V
+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. Plots labeled Min, Median, and Max correspond
to a distribution of devices in the SOIC package. (Continued)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
10k
100k
1M
10M
100M
FREQUENCY (Hz)
CL = 26pF
CL = 16pF
CL = 4pF
VS = 5V
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 37pF
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
-20
0
20
40
60
80
100
120
1
0.1
RL = 10k
AV = +1
VCM = 100mVP-P
CL = 4pF
VS = 5V
VS = 2.4V
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
-20
0
20
40
60
80
100
120
1
0.1
PSRR-
PSRR+
V+, V- = ±1.2V
RL = 10k
AV = +1
VSOURCE = 100mVP-P
CL = 4pF
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
PSRR-
PSRR+
V+, V- = ±2.5V
RL = 10k
AV = +1
VSOURCE = 100mVP-P
CL = 4pF
100
1k
10k
100k
1M
10M
10
1
0.1
0
20
40
60
80
100
120
140
160
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1k
100
V+, V- = ±2.5V
RL = 10k RECEIVING CHANNEL
AV = +1
VSOURCE = 400mVP-P
CL = 4pF
RL = OPEN TRANSMIT CHANNEL
10
10
100
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF


유사한 부품 번호 - ISL28236FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236FBZ-T7A INTERSIL-ISL28236FBZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results

유사한 설명 - ISL28236FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com