전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28214FUZ-T7 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 ISL28214FUZ-T7
상세설명  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28214FUZ-T7 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button ISL28214FUZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 9Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 10Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 11Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 12Page - Renesas Technology Corp ISL28214FUZ-T7 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 9 of 23
December 8, 2016
Applications Information
Functional Description
The ISL28114, ISL28214 and ISL28414 are single, dual, and
quad, CMOS rail-to-rail input, output (RRIO) micropower
operational amplifiers. They are designed to operate from single
supply (1.8V to 5.5V) or dual supply (±0.9V to ±2.75V). The parts
have an input common-mode range that extends 100mV above
and below the power supply voltage rails. The output stage can
swing to within 15mV of the supply rails with a 10kΩ load.
Input ESD Diode Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. For applications where
the input differential voltage is expected to exceed 0.5V, an
external series resistor must be used to ensure the input currents
never exceed 20mA (see Figure 19).
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL28114, ISL28214, and ISL28414 are immune to
output phase reversal, even when the input voltage is 1V beyond
the supplies.
Unused Channels
If the application requires less than all amplifiers on one
channel, the user must configure the unused channel(s) to
prevent oscillation. The unused channel(s) will oscillate if the
input and output pins are floating. This will result in higher than
expected supply currents and possible noise injection into the
channel being used. The proper way to prevent this oscillation is
to short the output to the inverting input and ground the positive
input (as shown in Figure 20).
Power Dissipation
It is possible to exceed the +125°C maximum junction
temperatures under certain load, power supply conditions, and
ambient temperature conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package types need to be modified to remain in
the safe operating area. These parameters are related using
Equation 1:
where:
•PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Total supply voltage
•IqMAX = Maximum quiescent supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the application
•RL = Load resistance
ISL28114, ISL28214, and ISL28414 SPICE
Model
Figure 21 on page 11 shows the SPICE model schematic and
Figure 22 on page 12 shows the net list for the SPICE model. The
model is a simplified version of the actual device and simulates
important AC and DC parameters. AC parameters incorporated
into the model are: 1/f and flatband noise, Slew Rate, CMRR, Gain,
and Phase. The DC parameters are IOS, total supply current, and
output voltage swing. The model uses typical parameters given in
the “Electrical Specifications” Table beginning on page 4. The
AVOL is adjusted for 90dB with the dominate pole at 125Hz. The
CMRR is set 72dB, f = 80kHz. The input stage models the actual
device to present an accurate AC representation. The model is
configured for ambient temperature of +25°C.
Figures 23 through 30 show the characterization vs simulation
results for the Noise Voltage, Closed Loop Gain vs Frequency,
Large Signal 5V Step Response, and CMRR and Open-Loop Gain
Phase.
FIGURE 19. INPUT ESD DIODE CURRENT LIMITING
-
+
RIN-
RL
VIN-
V+
V-
RIN+
RF
RG
FIGURE 20. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
-
+
TJMAX
TMAX JAxPDMAXTOTAL
+
=
(EQ. 1)
PDMAX
VS IqMAX VS
- VOUTMAX
VOUTMAX
RL
------------------------
+
=
(EQ. 2)


유사한 부품 번호 - ISL28214FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28214FUZ-T7 INTERSIL-ISL28214FUZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

유사한 설명 - ISL28214FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com