전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28214FBZ-T7 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 ISL28214FBZ-T7
상세설명  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28214FBZ-T7 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button ISL28214FBZ-T7 Datasheet HTML 2Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 3Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 4Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 9Page - Renesas Technology Corp ISL28214FBZ-T7 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 6 of 23
December 8, 2016
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 2. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 3. INPUT NOISE VOLTAGE SPECTRAL DENSITY
FIGURE 4. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =100kΩ,
CL = 10pF, VS = ±0.9V
FIGURE 5. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL = 100kΩ,
CL = 10pF, VS = ±2.5V
FIGURE 6. CMRR vs FREQUENCY (SIMULATED DATA)
FIGURE 7. PSRR vs FREQUENCY, VS = ±0.9V, ±2.5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
SIMULATION
FREQUENCY (Hz)
10
100
1000
1
10
100
1k
10k
100k
10,000
V+ = ±2.5V
AV = 1
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
RL = 100k
SIMULATION
CL = 10pF
PHASE
GAIN
V+ = ±0.9V
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
RL = 100k
SIMULATION
CL = 10pF
PHASE
GAIN
V+ = ±0.9V
0
10
20
30
40
50
60
70
80
0.01
0.1
10
100
1k
10k 100k 1M 10M 100M
FREQUENCY (Hz)
SIMULATION
1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
RL = INF
AV = +1
VCM = 100mVP-P
CL = 4pF
PSRR- VS = ±0.9V
PSRR- VS = ±2.5V
PSRR+ VS = ±2.5V
PSRR+ VS = ±0.9V


유사한 부품 번호 - ISL28214FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28214FBZ-T7 INTERSIL-ISL28214FBZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

유사한 설명 - ISL28214FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com