전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28114SOT23EVAL1Z 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 ISL28114SOT23EVAL1Z
상세설명  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28114SOT23EVAL1Z 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button ISL28114SOT23EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL28114SOT23EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 8 of 23
December 8, 2016
FIGURE 14. SMALL SIGNAL TRANSIENT RESPONSE, VS = ±2.5V
FIGURE 15. LARGE SIGNAL TRANSIENT RESPONSE vs
RL,VS = ±0.9V, ±2.5V
FIGURE 16. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME,
VS = ±0.9V, ±2.5V
FIGURE 17. POSITIVE OUTPUT OVERLOAD RESPONSE TIME,
VS = ±0.9V, ±2.5V
FIGURE 18. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±2.5V
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
TIME (ns)
-40
-30
-20
-10
0
10
20
30
0
80
160 240 320 400 480 560 640 720 800
RL = 10k
AV = +1
CL = 15pF
VOUT = 50mVP-P
VS = ±2.5V
-3
-2
-1
0
1
2
3
0
12345
6789
10
TIME (µs)
RL = 10k
AV = +1
CL = 15pF
VOUT = RAIL
VS = ±0.9V
VS = ±2.5V
TIME (ms)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.3
3.6
4.0
INPUT
RL = INF
AV =10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT AT VS = ±0.9V
OUTPUT AT VS = ±2.5V
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
TIME (ms)
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT
RL = INF
AV = 10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT AT VS = ±0.9V
OUTPUT AT VS = ±2.5V
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.3
3.6
4.0
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1k
10k
CAPACITANCE (pF)
VS = ±2.5V
RL = 10k
AV = 1
VOUT = 50mVP-P


유사한 부품 번호 - ISL28114SOT23EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

유사한 설명 - ISL28114SOT23EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com