전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29030 데이터시트(PDF) 14 Page - Renesas Technology Corp

부품명 ISL29030
상세설명  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29030 데이터시트(HTML) 14 Page - Renesas Technology Corp

Back Button ISL29030 Datasheet HTML 9Page - Renesas Technology Corp ISL29030 Datasheet HTML 10Page - Renesas Technology Corp ISL29030 Datasheet HTML 11Page - Renesas Technology Corp ISL29030 Datasheet HTML 12Page - Renesas Technology Corp ISL29030 Datasheet HTML 13Page - Renesas Technology Corp ISL29030 Datasheet HTML 14Page - Renesas Technology Corp ISL29030 Datasheet HTML 15Page - Renesas Technology Corp ISL29030 Datasheet HTML 16Page - Renesas Technology Corp ISL29030 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL29030
FN6872 Rev 1.00
Page 14 of 17
November 12, 2012
FIGURE 12. IRDR PULSE AMPLITUDE vs VIRDR
FIGURE 13. STABILITY OF ALS COUNT OVER-TEMPERATURE
(AT 300 LUX)
FIGURE 14. STABILITY OF ALS COUNT
OVER-TEMPERATURE (AT 0.00 LUX)
FIGURE 15. COMPLIANCE VOLTAGE VI_ALS'S EFFECTS ON IALS
(REFERENCED TO VI_ALS = 0V)
Typical Performance Curves V
DD = 3.0V, REXT = 499k(Continued)
100
120
140
160
180
200
220
240
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
220mA-MODE (PROX_DR = 1)
110mA-MODE (PROX_DR = 0)
VIRDR (V)
TEMPERATURE (°C)
-50
-30
-10
10
30
50
-40
-20
0
20
40
60
80
40
20
0
-20
-40
0
1
2
3
4
5
6
7
8
9
-40
10
60
TEMPERATURE (°C)
10
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
VI_ALS (V)
IALS (%)


유사한 부품 번호 - ISL29030

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29030 INTERSIL-ISL29030 Datasheet
538Kb / 17P
   Works Under All Light Sources Including Sunlight
ISL29030 INTERSIL-ISL29030 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29030A INTERSIL-ISL29030A Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

유사한 설명 - ISL29030

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030AIROZ-T7 INTERSIL-ISL29030AIROZ-T7 Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com