전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-T679 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LS-T679
상세설명  white PLCC-2 package, colorless clear resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T679 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LS-T679 Datasheet HTML 6Page - OSRAM GmbH LS-T679 Datasheet HTML 7Page - OSRAM GmbH LS-T679 Datasheet HTML 8Page - OSRAM GmbH LS-T679 Datasheet HTML 9Page - OSRAM GmbH LS-T679 Datasheet HTML 10Page - OSRAM GmbH LS-T679 Datasheet HTML 11Page - OSRAM GmbH LS-T679 Datasheet HTML 12Page - OSRAM GmbH LS-T679 Datasheet HTML 13Page - OSRAM GmbH LS-T679 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2013-06-19
10
Version 1.0 (Replacement in due course)
LS T679
Package Outline 9) page18
Maßzeichnung 9) Seite 18
Approximate Weight:
34 mg
Gewicht:
34 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S / 336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 % rh
/ 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 % rh /
10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C


유사한 부품 번호 - LS-T679

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LS-T670 OSRAM-LS-T670 Datasheet
441Kb / 19P
   white PLCC-2 package, colorless clear resin
LS-T670-J1K2-1-Z OSRAM-LS-T670-J1K2-1-Z Datasheet
441Kb / 19P
   TOPLED
LS-T676 OSRAM-LS-T676 Datasheet
569Kb / 15P
   white P-LCC-2 package, colorless clear resin
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
LS-T67B OSRAM-LS-T67B Datasheet
438Kb / 19P
   white PLCC-2 package, colorless clear resin
More results

유사한 설명 - LS-T679

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
   white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
   white PLCC-2 package, colorless clear resin
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
   white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
   white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
   white PLCC-2 package, colorless clear resin
LG-T676 OSRAM-LG-T676 Datasheet
536Kb / 21P
   white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com