전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EAHP5630WE2 데이터시트(PDF) 7 Page - Everlight Electronics Co., Ltd

부품명 EAHP5630WE2
상세설명  Top view white LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAHP5630WE2 데이터시트(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAHP5630WE2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAHP5630WE2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DATASHEET
SMD
PLCC
EAHP5630WE2
7
Copyright © 2015, Everlight
Americas Inc. Release Date : 11.Aug..2015. Issue No:
Issue No: DSE-00
www.everlightamericas.com
The C.I.E. 1931 Chromaticity Diagram
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
Bin Code
CIE_x
CIE_y
4000K
40K-A
0.4006
0.4044
40K-D
0.3952
0.3880
0.3871
0.3959
0.3873
0.3831
0.3843
0.3858
0.3854
0.3768
0.3890
0.3887
0.3810
0.3741
0.3873
0.3831
0.3784
0.3647
0.3952
0.3880
0.3898
0.3716
Reference Range:3700K~3970K
40K-B
0.3871
0.3959
40K-C
0.3703
0.3726
0.3736
0.3874
0.3670
0.3578
0.3703
0.3726
0.3784
0.3647
0.3779
0.3773
0.3810
0.3741
0.3793
0.3828
0.3764
0.3713
0.3843
0.3858
0.3779
0.3773
Reference Range:3970K~4270K
40K-F
0.3890
0.3887
40K-G
0.3873
0.3831
0.3793
0.3828
0.3779
0.3773
0.3779
0.3773
0.3764
0.3713
0.3873
0.3831
0.3854
0.3768
Reference Range:3870K~4080K


유사한 부품 번호 - EAHP5630WE2

제조업체부품명데이터시트상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
More results

유사한 설명 - EAHP5630WE2

제조업체부품명데이터시트상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP2835WE13 EVERLIGHT-EAHP2835WE13 Datasheet
546Kb / 18P
   Top view white LED
EAHP2835WE43 EVERLIGHT-EAHP2835WE43 Datasheet
414Kb / 18P
   Top view white LED
EAHP2835WE63 EVERLIGHT-EAHP2835WE63 Datasheet
546Kb / 18P
   Top view white LED
EAHP2835WE03 EVERLIGHT-EAHP2835WE03 Datasheet
545Kb / 18P
   Top view white LED
EAHP2835WE33 EVERLIGHT-EAHP2835WE33 Datasheet
546Kb / 18P
   Top view white LED
EAHE2835WD33 EVERLIGHT-EAHE2835WD33 Datasheet
316Kb / 17P
   Top view white LED
EAHP2835WE53 EVERLIGHT-EAHP2835WE53 Datasheet
397Kb / 18P
   Top view white LED
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
HB Electronic Components
HB Electronic Component...
PLCC5630-W3 HB-PLCC5630-W3 Datasheet
1Mb / 14P
   Top view white LED
Everlight Electronics Co., Ltd
Everlight Electronics C...
EA3030K1E0365EX3 EVERLIGHT-EA3030K1E0365EX3 Datasheet
521Kb / 15P
   Top view white LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com