전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6459BDQ 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI6459BDQ
상세설명  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6459BDQ 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI6459BDQ Datasheet HTML 1Page - Vishay Siliconix SI6459BDQ Datasheet HTML 2Page - Vishay Siliconix SI6459BDQ Datasheet HTML 3Page - Vishay Siliconix SI6459BDQ Datasheet HTML 4Page - Vishay Siliconix SI6459BDQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
Si6459BDQ
Vishay Siliconix
New Product
Document Number: 72518
S-32220—Rev. A, 03-Nov-03
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.115 @ VGS = −10 V
−2.7
−60
0.150 @ VGS = −4.5 V
−2.4
D
S
S
G
1
2
3
4
8
7
6
5
D
S
S
D
TSSOP-8
Top View
D
S*
G
D
P-Channel MOSFET
* Source Pins 2, 3, 6 and 7
must be tied common.
Ordering Information: Si6459BDQ-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−2.7
−2.2
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−2.2
−1.8
Pulsed Drain Current (10 ms Pulse Width)
IDM
−20
A
Continuous Source Current (Diode Conduction)a
IS
−1.25
−0.83
Avalanche Current
L = 0 1 mH
IAS
15
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
11
mJ
Maximum Power Dissipationa
TA = 25_C
PD
1.50
1.0
W
Maximum Power Dissipationa
TA = 70_C
PD
1.0
0.67
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
66
83
Maximum Junction-to-Ambienta
Steady State
RthJA
100
120
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
50
60
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


유사한 부품 번호 - SI6459BDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
More results

유사한 설명 - SI6459BDQ

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com