전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

324-11-131-41-002000 데이터시트(PDF) 1 Page - Mill-Max Mfg. Corp.

부품명 324-11-131-41-002000
상세설명  Interconnect Socket Straight Wrapost Tail Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MILL-MAX [Mill-Max Mfg. Corp.]
홈페이지  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

324-11-131-41-002000 데이터시트(HTML) 1 Page - Mill-Max Mfg. Corp.

  324-11-131-41-002000 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 324-11-131-41-002000 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 324-11-131-41-002000 Datasheet HTML 3Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Product Number: 324-11-131-41-002000
Description:
Interconnect Socket
Straight Wrapost Tail Socket
Accepts .015"- .025" (0,38 - 0,635
mm) dia leads
Single Row
Plating Code:
11
Shell Plating:
10 μ" Gold over 100 μ" Nickel
Inner Contact Plating:
10 μ" Gold over 50 μ" Nickel
#
Of
Pins
Mill-Max
Part
Number
RoHS
Compliant
31
324-11-131-41-002000
 CONTACT:
Contact Used: #30, Standard 4 Finger Contact
Current Rating = 3 Amps
BERYLLIUM COPPER ALLOY 172 (UNS C17200) per ASTM B 194
Properties of BERYLLIUM COPPER:
Chemical composition: Cu 98.1%, Be 1.9%
Temper as stamped: TD01
Properties after heat treatment (TH01):
Hardness: 36-43 Rockwell C
Mechanical Life: 1000 Cycles Min.
Density: .298 lbs/in3
Electrical Conductivity: 22% IACS*
Resistance: 10 miliohms Max
Operating Temperature: -55°C/+125°C
Melting point: 980°C/865°C (liquidus/solidus)
Stress Relaxation†: 96% of stress remains after 1,000 hours @ 100 °C; 70% of stress remains after 1,000 hours
@ 200 °C
*International Annealed Copper Standard, i.e. as a % of pure copper.
†Since BeCu loses its spring properties over time at high temperatures; it is rated for continuous use up to 150°C. For
applications up to 300°C, Mill-Max offers many contacts in Beryllium Nickel. Contact Tech Support for more info.
 LOOSE PIN:
Pin Used: 0086 (Brass Alloy)
Mill-Max Mfg. Corp. Datasheet — Last Modified 6/19/2018
Page 1 of 3


유사한 부품 번호 - 324-11-131-41-002000

제조업체부품명데이터시트상세설명
logo
Mill-Max Mfg. Corp.
324-11-130-41-002000 MILL-MAX-324-11-130-41-002000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
324-11-132-41-002000 MILL-MAX-324-11-132-41-002000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
324-11-133-41-002000 MILL-MAX-324-11-133-41-002000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
324-11-134-41-002000 MILL-MAX-324-11-134-41-002000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
324-11-135-41-002000 MILL-MAX-324-11-135-41-002000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
More results

유사한 설명 - 324-11-131-41-002000

제조업체부품명데이터시트상세설명
logo
Mill-Max Mfg. Corp.
321-13-159-41-001000 MILL-MAX-321-13-159-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-138-41-001000 MILL-MAX-322-11-138-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-143-41-001000 MILL-MAX-322-11-143-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-145-41-001000 MILL-MAX-322-11-145-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-156-41-001000 MILL-MAX-322-11-156-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-160-41-001000 MILL-MAX-322-11-160-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-164-41-001000 MILL-MAX-322-11-164-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-13-116-41-001000 MILL-MAX-322-13-116-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-13-118-41-001000 MILL-MAX-322-13-118-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
322-11-135-41-001000 MILL-MAX-322-11-135-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
321-13-134-41-001000 MILL-MAX-321-13-134-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com