전자부품 데이터시트 검색엔진 |
|
ST1000C12K0 데이터시트(PDF) 5 Page - International Rectifier |
|
ST1000C12K0 데이터시트(HTML) 5 Page - International Rectifier |
5 / 7 page ST1000C..K Series 5 Bulletin I25202 rev. A 01/00 www.irf.com Outline Table TWO PLACES PIN RECEPTACLE AMP. 60598-1 1 (0.04) MIN. TWO PLACES 47.5 (1.87) DIA. MAX. 2 HOLES DIA. 3.5 (0.14) x 2.1 (0.1) DEEP 4.75 (0.2) NOM. 20° ± 5° 44 (1.73) CREPAGE DESTANCE 28.88 (1.137) MIN. STRIKE DISTANCE 17.99 (0.708) MIN. 67 (2.6) DIA. MAX. Case Style A-24 (K-PUK) All dimensions in millimeters (inches) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) AverageOn-stateCurrent(A) AverageOn-stateCurrent(A) 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 30° 60° 90° 120 ° 180 ° Conduction Angle ST1000C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs 70 80 90 100 110 120 130 0 200 400 600 800 1000 DC 30° 60° 90° 120 ° 180 ° Conduction Period ST1000C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs |
유사한 부품 번호 - ST1000C12K0 |
|
유사한 설명 - ST1000C12K0 |