전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY89845U 데이터시트(PDF) 6 Page - Micrel Semiconductor

부품명 SY89845U
상세설명  PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89845U 데이터시트(HTML) 6 Page - Micrel Semiconductor

Back Button SY89845U Datasheet HTML 2Page - Micrel Semiconductor SY89845U Datasheet HTML 3Page - Micrel Semiconductor SY89845U Datasheet HTML 4Page - Micrel Semiconductor SY89845U Datasheet HTML 5Page - Micrel Semiconductor SY89845U Datasheet HTML 6Page - Micrel Semiconductor SY89845U Datasheet HTML 7Page - Micrel Semiconductor SY89845U Datasheet HTML 8Page - Micrel Semiconductor SY89845U Datasheet HTML 9Page - Micrel Semiconductor SY89845U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel, Inc.
SY89845U
May 2005
M9999-052405
hbwhelp@micrel.com or (408) 955-1690
6
CML Outputs DC Electrical Characteristics
(6)
VCC = 2.5V ±5% or 3.3V ±10%; RL = 100Ω across output pair; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Q, /Q
RL = 50Ω to VCC.
VCC-0.020
VCC-0.010
VCC
V
VOUT
Output Voltage Swing
Q, /Q
See Figure 1a.
325
400
mV
VDIFF-OUT
Differential Output Voltage Swing
Q, /Q
See Figure 1b.
650
800
mV
ROUT
Output Source Impedance
45
50
55
LVTTL/CMOS DC Electrical Characteristics
(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


유사한 부품 번호 - SY89845U

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY89845U MICREL-SY89845U Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89845UMGTR MICREL-SY89845UMGTR Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
More results

유사한 설명 - SY89845U

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89842U MICREL-SY89842U_10 Datasheet
660Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1
SY89842U MICREL-SY89842U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com