전자부품 데이터시트 검색엔진 |
|
TH58NVG1S3AFT 데이터시트(PDF) 4 Page - Toshiba Semiconductor |
|
TH58NVG1S3AFT 데이터시트(HTML) 4 Page - Toshiba Semiconductor |
4 / 32 page 2003-05-19A 4/32 TH58NVG1S3AFT05 AC CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS (Ta 0 to 70 ℃, VCC 2.7V ~ 3.6V) SYMBOL PARAMETER MIN MAX UNIT NOTES tCLS CLE Setup Time 0 ns tCLH CLE Hold Time 10 ns tCS CE Setup Time 0 ns tCH CE Hold Time 10 ns tWP Write Pulse Width 25 ns tALS ALE Setup Time 0 ns tALH ALE Hold Time 10 ns tDS Data Setup Time 20 ns tDH Data Hold Time 10 ns tWC Write Cycle Time 50 ns tWH WE High Hold Time 15 ns tWW WP High to WE Low 100 ns tRR Ready to RE Falling Edge 20 ns tRW Ready to WE Falling Edge 20 ns tRP Read Pulse Width 35 ns tRC Read Cycle Time 50 ns tREA RE Access Time (Serial Data Access) 35 ns tCEA CE Access Time 45 ns tCLEA CLE Access Time 45 ns tALEA ALE Access Time 45 ns tREAID RE Access Time (ID Read) 35 ns tOH Data Output Hold Time 10 ns tRHZ RE High to Output High Impedance 30 ns tCHZ CE High to Output High Impedance 20 ns tREH RE High Hold Time 15 ns tIR Output-High-impedance-to- RE Falling Edge 0 ns tRSTO RE Access Time (Status Read) 35 ns tCSTO CE Access Time (Status Read) 45 ns tCLSTO CLE Access Time (Status Read) 45 ns tRHW RE High to WE Low 30 ns tWHC WE High to CE Low 30 ns tWHR WE High to RE Low 30 ns tR Memory Cell Array to Starting Address 25 s tWB WE High to Busy 200 ns tRST Device Reset Time (Read/Program/Erase) 6/10/500 s |
유사한 부품 번호 - TH58NVG1S3AFT |
|
유사한 설명 - TH58NVG1S3AFT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |