전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH58NVG1S3AFT 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TH58NVG1S3AFT
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TH58NVG1S3AFT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TH58NVG1S3AFT Datasheet HTML 1Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 2Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 3Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 4Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 5Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 6Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 7Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 8Page - Toshiba Semiconductor TH58NVG1S3AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
2003-05-19A
5/32
TH58NVG1S3AFT05
AC TEST CONDITIONS
PARAMETER
CONDITION
Input level
2.4 V, 0.4 V
Input pulse rise and fall time
3ns
Input comparison level
1.5 V, 1.5 V
Output data comparison level
1.5 V, 1.5 V
Output load
CL (100 pF) 1 TTL
PROGRAMMING AND ERASING CHARACTERISTICS
(Ta
0 to 70
℃, VCC
2.7V ~ 3.6V)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
tPROG
Average Programming Time
200
700
s
N
Number of Programming Cycles on Same Page
(per 512+16 bytes)
2
(1)
tBERASE
Block Erasing Time
2
4
ms
(1) Refer to Application Note (12) toward the end of this document.


유사한 부품 번호 - TH58NVG1S3AFT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TH58NVG1S3 STMICROELECTRONICS-TH58NVG1S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
More results

유사한 설명 - TH58NVG1S3AFT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com