전자부품 데이터시트 검색엔진 |
|
TH58NVG1S3AFT 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TH58NVG1S3AFT 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 32 page 2003-05-19A 3/32 TH58NVG1S3AFT05 VALID BLOCKS (1) SYMBOL PARAMETER MIN. TYP. MAX UNIT NVB Number of Valid Blocks 2008 - 2048 Blocks (1) The TH58NVG1S3A occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document. (2) The first block (block address #00) is guaranteed to be a valid block at the time of shipment. RECOMMENDED DC OPERATING CONDITIONS SYMBOL PARAMETER MIN TYP. MAX UNIT VCC Power Supply Voltage 2.7 3.3 3.6 V VIH High Level input Voltage 2.0 VCC 0.3 V VIL Low Level Input Voltage 0.3* 0.8 V * 2 V (pulse width lower than 20 ns) DC CHARACTERISTICS (Ta 0 to 70℃, VCC 2.7V ~ 3.3 V) SYMBOL PARAMETER CONDITION MIN TYP. MAX UNIT IIL Input Leakage Current VIN 0 V to VCC 10 A ILO Output Leakage Current VOUT 0 V to VCC 10 A ICCO1 Reading CE VIL, IOUT 0 mA, tcycle 50 ns 10 30 mA ICCO7 Programming Current 10 30 mA ICCO8 Erasing Current 10 30 mA ICCS1 Standby Current CE VIH , WP 0V/VCC 1 mA ICCS2 Standby Current CE VCC 0.2 V, WP 0V/VCC 50 A VOH High Level Output Voltage Vcc, IOH 400 A 2.4 V VOL Low Level Output Voltage Vcc, IOL 2.1 mA 0.4 V IOL ( BY / RY ) Output current of BY / RY pin VOL 0.4 V 8 mA |
유사한 부품 번호 - TH58NVG1S3AFT |
|
유사한 설명 - TH58NVG1S3AFT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |