전자부품 데이터시트 검색엔진 |
|
TLE6210G 데이터시트(PDF) 1 Page - Infineon Technologies AG |
|
TLE6210G 데이터시트(HTML) 1 Page - Infineon Technologies AG |
1 / 35 page V1.2 Data Sheet 1 2002-08 ABS System IC TLE 6210 TLE 6211 P-DSO-20-10, -12, -16 1Overview 1.1 Features • 5 V, 800 mA linear regulator • Undervoltage/overvoltage reset • Undervoltage and overvoltage logout • Digital watchdog supervision for 2 Microcontrollers • (motor) relay driver • (valve) relay driver • Inverted or non inverted lamp relay driver • Enable output • Overtemperature and overcurrent protection 1.2 Functional Description The TLE 6210 and TLE 6211 are integrated circuit consisting of a 5 V voltage regulator with 800 mA current capability, different relay driver outputs and supervision logic. The supervision logic watches the input voltage and the regulator output voltage both for over-voltage and under-voltage. In addition two window watchdogs supervise the correct operation of 2 independent watchdog signals, e.g. from two Microcontrollers. The TLE 6210 and TLE 6211 are designed especially for the severe conditions of ABS/ ASR applications in an automotive environment. Type Ordering code Package/Shipment TLE 6210 C on request Bare dice TLE 6210 G on request P-DSO-20-12, Tape and Reel TLE 6211 G on request P-DSO-20-12, Tape and Reel |
유사한 부품 번호 - TLE6210G |
|
유사한 설명 - TLE6210G |