전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EAHP5630GA0 데이터시트(PDF) 10 Page - Everlight Electronics Co., Ltd

부품명 EAHP5630GA0
부품 상세설명  Technical Data Sheet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAHP5630GA0 데이터시트(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EAHP5630GA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAHP5630GA0 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATASHEET
SMD Technical Data Sheet
EAHP5630GA0
10
Copyright © 2010, Everlight All Rights Reserved. Release Date : 28.Jan.2016. Issue No: DSE-0012387
www.everlight.com
Moisture Resistant Packing Process
Note: Tolerances unless mentioned ±0.1mm. Unit = mm
Precautions for Use
1. Over-current-proof
1.1 Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
Pre-heating
150~200°C
60~120sec.
3°C/sec.Max.
Above 217°C
60~150sec.
260°C Max.
10sec. Max.
6°C/sec.Max.
Above255°C
30sec.Max.
2. Storage
2.1 Don’t open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 72Hrs under 30℃ or less and 60% RH or less. If unused
LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time,
baking treatment should be performed using the following conditions.baking treatment: 60±5℃ for 24 hours
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within once in less


유사한 부품 번호 - EAHP5630GA0

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630BA0 EVERLIGHT-EAHP5630BA0 Datasheet
374Kb / 10P
   Technical Data Sheet
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630WE2 EVERLIGHT-EAHP5630WE2 Datasheet
483Kb / 16P
   Top view white LED
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
More results

유사한 설명 - EAHP5630GA0

제조업체부품명데이터시트부품 상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1017 PASTERNACK-PE83IR1017 Datasheet
393Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE87FL1019 PASTERNACK-PE87FL1019 Datasheet
522Kb / 4P
   TECHNICAL DATA SHEET
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
PE15A1042 PASTERNACK-PE15A1042 Datasheet
652Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com