전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM41DL6408G 데이터시트(PDF) 6 Page - SPANSION

부품명 AM41DL6408G
부품 상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM41DL6408G 데이터시트(HTML) 6 Page - SPANSION

Back Button AM41DL6408G Datasheet HTML 2Page - SPANSION AM41DL6408G Datasheet HTML 3Page - SPANSION AM41DL6408G Datasheet HTML 4Page - SPANSION AM41DL6408G Datasheet HTML 5Page - SPANSION AM41DL6408G Datasheet HTML 6Page - SPANSION AM41DL6408G Datasheet HTML 7Page - SPANSION AM41DL6408G Datasheet HTML 8Page - SPANSION AM41DL6408G Datasheet HTML 9Page - SPANSION AM41DL6408G Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
August 19, 2002
Am41DL6408G
5
P R E L I M INARY
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am41DL6408G
Speed
Options
Standard Voltage Range:
VCC = 2.7–3.3 V
Flash Memory
SRAM
70, 71
85
71
70
85
Max Access Time (ns)
70
85
55
70
85
CE#f Access (ns)
70
85
55
70
85
OE# Access (ns)
30
40
25
35
45
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
CIOf
WP#/ACC
CE2s
SA
CIOs
8 MBit
Static RAM
64 MBit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15/A–1 to DQ0
A21 to A0
A21 to A0
A0 to A19
A–1
A18 to A0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn