전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29BDS640GBC4WSI 데이터시트(PDF) 18 Page - SPANSION

부품명 AM29BDS640GBC4WSI
상세설명  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS640GBC4WSI 데이터시트(HTML) 18 Page - SPANSION

Back Button AM29BDS640GBC4WSI Datasheet HTML 14Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 15Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 16Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 17Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 18Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 19Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 20Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 21Page - SPANSION AM29BDS640GBC4WSI Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
16
Am29BDS640G
25903C1 October 1, 2003
Prelimin ary
cycle program command sequence as required by the Unlock Bypass mode. Re-
moving VID from the ACC input returns the device to normal operation. Note that
sectors must be unlocked prior to raising ACC to VID. Note that the ACC pin must
not be at VID for operations other than accelerated programming, or device dam-
age may result. In addition, the ACC pin must not be left floating or unconnected;
inconsistent behavior of the device may result.
When at VIL, ACC locks all sectors. ACC should be at VIH for all other conditions.
Autoselect Functions
If the system writes the autoselect command sequence, the device enters the au-
toselect mode. The system can then read autoselect codes from the internal
register (which is separate from the memory array) on DQ15–DQ0. Autoselect
mode may only be entered and used when in the asynchronous read mode. Refer
to the “Autoselect Command Sequence” section on page 31 section for more
information.
Standby Mode
When the system is not reading or writing to the device, it can place the device
in the standby mode. In this mode, current consumption is greatly reduced, and
the outputs are placed in the high impedance state, independent of the OE#
input.
The device enters the CMOS standby mode when the CE# and RESET# inputs are
both held at VCC ± 0.2 V. The device requires standard access time (tCE) for read
access, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws ac-
tive current until the operation is completed.
ICC3 in the DC Characteristics table represents the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. While in
asynchronous mode, the device automatically enables this mode when addresses
remain stable for tACC + 60 ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address access timings provide
new data when addresses are changed. While in sleep mode, output data is
latched and always available to the system. While in synchronous mode, the de-
vice automatically enables this mode when either the first active CLK edge occurs
after tACC or the CLK runs slower than 5MHz. Note that a new burst operation is
required to provide new data.
ICC4 in the “DC Characteristics” section on page 45 represents the automatic
sleep mode current specification.
RESET#: Hardware Reset Input
The RESET# input provides a hardware method of resetting the device to reading
array data. When RESET# is driven low for at least a period of tRP, the device im-
mediately terminates any operation in progress, tristates all outputs, resets the
configuration register, and ignores all read/write commands for the duration of
the RESET# pulse. The device also resets the internal state machine to reading
array data. The operation that was interrupted should be reinitiated once the de-
vice is ready to accept another command sequence, to ensure data integrity.


유사한 부품 번호 - AM29BDS640GBC4WSI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29BDS640GBC4WSI AMD-AM29BDS640GBC4WSI Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

유사한 설명 - AM29BDS640GBC4WSI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com