전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21032BPH306Z-TK 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ISL21032BPH306Z-TK
상세설명  Precision 0.600V Low Voltage FGA??References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21032BPH306Z-TK 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ISL21032BPH306Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21032BPH306Z-TK Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISL21032
FN6239 Rev 2.00
Page 2 of 7
September 28, 2009
Absolute Maximum Ratings
Thermal Information
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to GND (Note 1)
ISL21032, VOUT = 0.6V . . . . . . . . . . . . . . . . . . . . . -0.5V to +1.6V
Voltage on “DNC” Pins. . . No Connections Permitted to These Pins.
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
Thermal Resistance (Typical, Note 2)
JA (°C/W)
3 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
371.4
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (Note 3). . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
For guaranteed specifications and test conditions, see Electrical Specifications.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
NOTES:
1. Maximum duration = 10s.
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3. Post-reflow drift for the ISL21032 devices will range from 100µV to 1.0mV based on experimental results with devices tested in sockets and also
on FR4 multi-layer PC boards. The design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications (VOUT = 0.600V) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +130°C,
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
0.600
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21032B06
-1.0
+1.0
mV
ISL21032C06
-2.5
+2.5
mV
ISL21032D06
-5.0
+5.0
mV
VOA
VOUT Accuracy Over Op Temp
Range (-40° < TA < +130°C)
ISL21032B06
-3.0
+3.0
mV
ISL21032C06
-4.5
+4.5
mV
ISL21032D06
-6.0
+6.0
mV
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
12
25
µA
VOUT/VIN
Line Regulation
+2.7V
 VIN  +5.5V
50
200
µV/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA
 ISOURCE  7mA
20
70
µV/mA
Sinking: -7mA
 ISINK  0mA
20
70
µV/mA
VOUT/t
Long Term Stability (Note 6)
TA = +25°C
10
ppm/
1kHrs
VOUT/TA
Thermal Hysteresis (Note 4)
TA = +170°C
100
ppm
ISC
Short Circuit Current (Note 5)
TA = +25°C, VOUT tied to GND
50
80
mA
VN
Output Voltage Noise
0.1Hz
 f  10Hz
30
µVP-P
NOTES:
4. Thermal Hysteresis is the change in VOUT measured @ TA = +25°C after temperature cycling over a specified range, TA.
VOUT is read initially at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at
+25°C. The difference between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For TA = 170°C, the device
under is cycled from +25°C to +130°C to -40°C to +25°C.
5. Limits are established by full device characterization over temperature range and are not tested in production.
6. FGA™ voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 2000 hours. Because of this decreasing characteristic, long-term drift is
specified in ppm/
1kHr.


유사한 부품 번호 - ISL21032BPH306Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21032BPH306Z-TK INTERSIL-ISL21032BPH306Z-TK Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
More results

유사한 설명 - ISL21032BPH306Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com