전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21090 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ISL21090
상세설명  Ultra Low Noise, Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21090 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ISL21090 Datasheet HTML 6Page - Renesas Technology Corp ISL21090 Datasheet HTML 7Page - Renesas Technology Corp ISL21090 Datasheet HTML 8Page - Renesas Technology Corp ISL21090 Datasheet HTML 9Page - Renesas Technology Corp ISL21090 Datasheet HTML 10Page - Renesas Technology Corp ISL21090 Datasheet HTML 11Page - Renesas Technology Corp ISL21090 Datasheet HTML 12Page - Renesas Technology Corp ISL21090 Datasheet HTML 13Page - Renesas Technology Corp ISL21090 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL21090
FN6993 Rev 5.00
Page 10 of 20
February 27, 2013
FIGURE 24. LOAD REGULATION, THREE TEMPERATURES
FIGURE 25. LOAD TRANSIENT (
ILOAD = ±1mA)
FIGURE 26. TURN-ON TIME WITH 0.1µF
FIGURE 27. TURN-ON TIME WITH 1µF
FIGURE 28. ZOUT vs FREQUENCY
FIGURE 29. PSRR AT DIFFERENT CAPACITIVE LOADS
Typical Performance Curves (ISL21090-2.5) (Continued)
-16
-12
-8
-4
0
4
8
12
-25
-20
-15
-10
-5
0
5
10
15
20
(SOURCING)
(SINKING)
ILOAD (mA)
+25°C
-40°C
+125°C
-6
-4
-2
0
2
4
6
0
20406080
100
120
TIME (µs)
CL = NO LOAD
CL = 100nF
CL = 1µF
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
400
TIME (µs)
CL = 0.1µF
VIN
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
400
TIME (µs)
CL = 1µF
VIN
0.01
0.1
1
10
100
1000
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CL = NO LOAD
CL = 100nF
CL = 10nF
CL = 1nF
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CL = NO LOAD
CL = 1nF
CL = 100nF
CL = 10nF


유사한 부품 번호 - ISL21090

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

유사한 설명 - ISL21090

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com