전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21400IU8Z-TK 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ISL21400IU8Z-TK
상세설명  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400IU8Z-TK 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ISL21400IU8Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL21400
FN8091 Rev 3.00
Page 2 of 17
March 31, 2011
Block Diagram
Ordering Information
PART NUMBER
(Note 3)
PART MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL21400IU8Z (Note 2)
DEW
2.7 to 5.5
-40 to +85
8 Ld MSOP (3.0mm), green mtl
M8.118
ISL21400IU8Z-TK (Notes 1, 2)
DEW
2.7 to 5.5
-40 to +85
8 Ld MSOP (3.0mm), green mtl
M8.118
ISL21400USB-EVALZ
Evaluation Board
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21400. For more information on MSL please see techbrief
TB363.
VCC
TEMP
SENSE
VREF(m)
BIAS
COMMUNICATIONS
5 BYTES
AND
REGISTERS
EEPROM
SCL
SDA
GAIN
SELECT
AV = 1, 2, 4
VOUT
A0
A1
A2
VSS
DAC
DAC
A
S
n = 0 to 255
m = 0 to 255
VTS(n)
VREF


유사한 부품 번호 - ISL21400IU8Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

유사한 설명 - ISL21400IU8Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com