전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21400USB-EVALZ 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ISL21400USB-EVALZ
상세설명  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400USB-EVALZ 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ISL21400USB-EVALZ Datasheet HTML 6Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 9Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 10Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 11Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 12Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 13Page - Renesas Technology Corp ISL21400USB-EVALZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL21400
FN8091 Rev 3.00
Page 10 of 17
March 31, 2011
Pin Descriptions
VOUT
Programmable voltage output pin. Absolute voltage is
determined by device temperature and Equation 1. Drive
capability is limited to ±500µA output current and 5000pF
output capacitance.
A2, A1, A0
Hardware slave address pins that can be used to provide
several ISL21400 with a unique physical address to allow for
multiple devices off one I2C bus.
GND
This is the circuit ground pin. It is common for the VOUT and
control signal inputs.
SDA
Serial Data Input/Output. Bidirectional pin used for serial data
transfer. As an output, it is open drain and may be wire-ored
with any number of open drain or open collector outputs. A
pull-up resistor is required and the value is dependent on the
speed of the serial data bus and the number of outputs tied
together.
SCL
Serial Clock Input. Accepts a clock signal for clocking serial
data into and out of the device. The SCL line requires a pull-up
resistor whose value is dependent on the speed of the serial
clock bus and the number of inputs tied together.
VCC
Positive Power Supply. Connect to a voltage supply in the range
of 2.7V<VCC<5.5V, with minimum noise and ripple. For best
performance, bypass with a 0.1µF capacitor to ground. If the
AV gain is set to 4 and VOUT approaches 5.0V, then VCC must
be set to >5.2V for best output performance.
Functional Description
Functional Overview
Refer to the Functional Block Diagram on page 2. The
ISL21400 provides a programmable output voltage which
combines both a temperature independent term and a
temperature dependent term. The temperature independent
term uses a bandgap voltage reference, and the temperature
dependent term uses a Proportional To Absolute Temperature
(PTAT) reference, or Temperature Sensor. Each voltage
source is scalable using two DACs via the I2C serial bus. The
resulting output voltage can vary from 0V to over 5V and has a
variable, programmable Temperature Slope (TS).
Reference Sections
Referring to the Block Diagram on page 2, the VREF and
Temperature Sense (VTS) outputs are summed together ()
and then passed through the output gain stage (A). The
voltage output is programmable and is determined by Equation
1:
where:
•AV = 1, 2, 4
•VREF = 1.200 (not temperature dependent)
•0
 n  255 (setting contained in Register 0, VREF)
•VTS = K(T - T0)
• K = dVTS/ dT = -2.1mV/C
• T = device temperature
•T0 = +25°C
•0
 m  255 (setting contained in Register 1, TS)
See “Applications Information” on page 14 for ways to use
Equation 1 and methods for output voltage calculations.
FIGURE 13. VOUT vs IOUT (±1mA)
Typical Performance Curves (Continued)
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
1.209
-1
-0.5
0
0.5
1
IOUT (mA)
VREF REGISTER = 255d
TS REGISTER = 127d
AT +25°C
VOUT
AV
VREF
n
255
----------
VTS
2m
 255
255
--------------------------------
+



=
(EQ. 1)


유사한 부품 번호 - ISL21400USB-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400 INTERSIL-ISL21400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21400IU8Z INTERSIL-ISL21400IU8Z Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

유사한 설명 - ISL21400USB-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com