전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21080CIH350Z-TK 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ISL21080CIH350Z-TK
상세설명  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21080CIH350Z-TK 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ISL21080CIH350Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21080CIH350Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL21080
FN6934 Rev. 6.00
Page 2 of 21
Mar 26, 2018
Pin Configuration
ISL21080
(3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage Connection
2VOUT
Voltage Reference Output
3
GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
(Note 4)
VOUT OPTION
(V)
GRADE
(%)
TEMP. RANGE
(°C)
TAPE AND REEL
(UNITS)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL21080DIH309Z-TK
BCLA
0.9
±0.7
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080DIH310Z-TK
BCMA
1.024
±0.7
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080DIH312Z-TK
BCNA
1.25
±0.6
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH315Z-TK
BCDA
1.5
±0.5
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH315Z-T7A
BCDA
1.5
±0.5
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL21080CIH320Z-TK
BCPA
2.048
±0.3
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH325Z-TK
BCRA
2.5
±0.3
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH330Z-TK
BCSA
3.0
±0.2
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH333Z-TK
BCTA
3.3
±0.2
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH341Z-TK
BCVA
4.096
±0.2
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL21080CIH350Z-TK
BCWA
5.0
±0.2
-40 to +85
1k
3 Ld SOT-23
P3.064A
NOTES:
1. Refer to TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), refer to the ISL21080DIH309, ISL21080DIH310, ISL21080DIH312, ISL21080CIH315, ISL21080CIH320,
ISL21080CIH325, ISL21080CIH330, ISL21080CIH333, ISL21080CIH341, and ISL21080CIH350 product information pages. For more information
about MSL see TB363.
4. The part marking is located on the bottom of the part.


유사한 부품 번호 - ISL21080CIH350Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080CIH350Z-TK INTERSIL-ISL21080CIH350Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

유사한 설명 - ISL21080CIH350Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com