전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28025FR12Z-T 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 ISL28025FR12Z-T
상세설명  Precision Digital Power Monitor with Real Time Alerts
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28025FR12Z-T 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button ISL28025FR12Z-T Datasheet HTML 7Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 8Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 9Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 10Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 11Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 12Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 13Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 14Page - Renesas Technology Corp ISL28025FR12Z-T Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ISL28025
FN8388 Rev.6.00
Page 11 of 53
Feb 27, 2018
Pulse Width Suppression Time at SMBDAT
and SMBCLK Inputs
tIN
Any pulse narrower than the maximum
specification is suppressed
50
ns
SMBCLK Falling Edge to SMBDAT Output
Data Valid
tAA
SMBCLK falling edge crossing 30% of
I2CVCC, until SMBDAT exits the 30% to
70% of I2CVCC window
900
ns
Time the Bus Must be Free Before the
Start of a New Transmission
tBUF
SMBDAT crossing 70% of I2CVCC
during a STOP condition, to SMBDAT
crossing 70% of I2CVCC during the
following START condition
1300
ns
Clock Low Time
tLOW
Measured at the 30% of I2CVCC
crossing
1300
ns
Clock High Time
tHIGH
Measured at the 70% of I2CVCC
crossing
600
ns
START Condition Set-Up Time
tSU:STA
SMBCLK rising edge to SMBDAT falling
edge. Both crossing 70% of I2CVCC
600
ns
START Condition Hold Time
tHD:STA
From SMBDAT falling edge crossing
30% of I2CVCC to SMBCLK falling edge
crossing 70% of I2CVCC
600
ns
Input Data Set-Up Time
tSU:DAT
From SMBDAT exiting the 30% to 70%
of
VCC window, to SMBCLK rising edge
crossing 30% of I2CVCC
100
ns
Input Data Hold Time
tHD:DAT
From SMBCLK falling edge crossing
30% of I2CVCC to SMBDAT entering the
30% to 70% of I2CVCC window
20
900
ns
STOP Condition Set-Up Time
tSU:STO
From SMBCLK rising edge crossing
70% of I2CVCC, to SMBDAT rising edge
crossing 30% of I2CVCC
600
ns
STOP Condition Hold Time
tHD:STO
From SMBDAT rising edge to SMBCLK
falling edge. Both crossing 70% of
I2CVCC
600
ns
Output Data Hold Time
tDH
From SMBCLK falling edge crossing
30% of I2CVCC, until SMBDAT enters
the 30% to 70% of I2CVCC window
0ns
SMBDAT and SMBCLK Rise Time
tR
From 30% to 70% of I2CVCC
20 + 0.1 x
Cb
300
ns
SMBDAT and SMBCLK Fall Time
tF
From 70% to 30% of I2CVCC
20 + 0.1 x
Cb
300
ns
Capacitive Loading of SMBDAT or
SMBCLK
Cb
Total on-chip and off-chip
10
400
pF
SMBDAT and SMBCLK Bus Pull-Up
Resistor Off-Chip
RPU
Maximum is determined by tR and tF
For Cb = 400pF, max is about
2kΩ ~2.5kΩ.
For Cb = 40pF, max is about
15kΩ ~ 20kΩ
1kΩ
POWER SUPPLY
Power Supply Voltage at VCC
Vvcc
3.0
3.3
5.5
V
Power Supply Voltage at I2CVCC
Vi2cvcc
f = DC to 400kHz
1.2
3.3
5.5
V
Only ADC in Conversion mode
All other blocks are disabled
690
830
µA
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP - VINM = 80mV, Aux V = 3V, Conversion
Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. Temperature limits
established by characterization. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


유사한 부품 번호 - ISL28025FR12Z-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28025FI12Z-T INTERSIL-ISL28025FI12Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI12Z-T7A INTERSIL-ISL28025FI12Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T INTERSIL-ISL28025FI60Z-T Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
ISL28025FI60Z-T7A INTERSIL-ISL28025FI60Z-T7A Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
More results

유사한 설명 - ISL28025FR12Z-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
   Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com