전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5012A-BL7 데이터시트(PDF) 2 Page - Cirrus Logic

부품명 CS5012A-BL7
상세설명  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A-BL7 데이터시트(HTML) 2 Page - Cirrus Logic

  CS5012A-BL7 Datasheet HTML 1Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 2Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 3Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 4Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 5Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 6Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 7Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 8Page - Cirrus Logic CS5012A-BL7 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
CS5012A
CS5012A ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 2.5V to 4.5V; fclk = 6.4 MHz for -7, 4 MHz for -12; Analog Source Impedance = 200
Ω)
CS5012A
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Accuracy
Linearity Error
(Note 1)
Drift
(Note 2)
±1/4
±1/8
±1/2
LSB12
∆LSB12
Differential Linearity
(Note 1)
Drift
(Note 2)
±1/4
±1/32
±1/2
LSB12
∆LSB12
Full Scale Error
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Unipolar Offset
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Bipolar Offset
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Bipolar Negative Full-Scale Error(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Total Unadjusted Error
(Note 1)
Drift
(Note 2)
±1/4
±1/4
LSB12
∆LSB12
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
Full Scale, 12 kHz Input
84
84
92
88
dB
dB
Total Harmonic Distortion
0.008
%
Signal-to-Noise Ratio
(Note 1)
1 kHz, 0 dB Input
1 kHz, -60 dB Input
72
73
13
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
45
90
µVrms
µVrms
Notes: 1. Applies after calibration at any temperature within the specified temperature range.
2. Total drift over specified temperature range since calibration at power-up at 25 °C
3. Wideband noise aliased into the baseband. Referred to the input.
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2-8
DS14F8
CS5012A CS5014 CS5016
2
DS14F9


유사한 부품 번호 - CS5012A-BL7

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5012A-BL7 CIRRUS-CS5012A-BL7 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

유사한 설명 - CS5012A-BL7

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com