전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI010 데이터시트(PDF) 28 Page - SPANSION

부품명 S29CD032G0JQAI010
상세설명  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI010 데이터시트(HTML) 28 Page - SPANSION

Back Button S29CD032G0JQAI010 Datasheet HTML 24Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 25Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 26Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 27Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 28Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 29Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 30Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 31Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
28
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
It is important to remember that setting either the Persistent Sector Protec-
tion Mode Locking Bit or the Password Mode Locking Bit permanently
selects the protection mode. It is not possible to switch between the two methods
once a locking bit has been set. It is important that one mode is explicitly
selected when the device is first programmed, rather than relying on the
default mode alone. This is so that it is not possible for a system program or
virus to later set the Password Mode Locking Bit, which would cause an unex-
pected shift from the default Persistent Sector Protection Mode into the Password
Protection Mode.
The WP# Hardware Protection feature is always available, independent of the
software managed protection method chosen.
Persistent Sector Protection
The Persistent Sector Protection method replaces the old 12 V controlled protec-
tion method while at the same time enhancing flexibility by providing three
different sector protection states:
Persistently Locked—A sector is protected and cannot be changed.
Dynamically Locked—The sector is protected and can be changed by a sim-
ple command
Unlocked—The sector is unprotected and can be changed by a simple com-
mand
In order to achieve these states, three types of “bits” are going to be used:
Persistent Protection Bit (PPB)
A single Persistent (non-volatile) Protection Bit is assigned to a maximum of four
sectors (see the sector address tables for specific sector protection groupings).
All 8 Kbyte boot-block sectors have individual sector Persistent Protection Bits
(PPBs) for greater flexibility. Each PPB is individually modifiable through the PPB
Write Command.
Note: If a PPB requires erasure, all of the sector PPBs must first be prepro-
grammed prior to PPB erasing. All PPBs erase in parallel, unlike programming
where individual PPBs are programmable. It is the responsibility of the user to
perform the preprogramming operation. Otherwise, an already erased sector
PPBs has the potential of being over-erased. There is no hardware mechanism to
prevent sector PPBs over-erasure.
Persistent Protection Bit Lock (PPB Lock)
A global volatile bit. When set to “1”, the PPBs cannot be changed. When cleared
(“0”), the PPBs are changeable. There is only one PPB Lock bit per device. The
PPB Lock is cleared after power-up or hardware reset. There is no command se-
quence to unlock the PPB Lock.
Dynamic Protection Bit (DYB)
A volatile protection bit is assigned for each sector. After power-up or hardware
reset, the contents of all DYBs is “0”. Each DYB is individually modifiable through
the DYB Write Command.
When the parts are first shipped, the PPBs are cleared, the DYBs are cleared, and
PPB Lock is defaulted to power up in the cleared state – meaning the PPBs are
changeable.
When the device is first powered on the DYBs power up cleared (sectors not pro-
tected). The Protection State for each sector is determined by the logical OR of


유사한 부품 번호 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

유사한 설명 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com