전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADMV7710-SX 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADMV7710-SX
상세설명  Power Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADMV7710-SX 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADMV7710-SX Datasheet HTML 5Page - Analog Devices ADMV7710-SX Datasheet HTML 6Page - Analog Devices ADMV7710-SX Datasheet HTML 7Page - Analog Devices ADMV7710-SX Datasheet HTML 8Page - Analog Devices ADMV7710-SX Datasheet HTML 9Page - Analog Devices ADMV7710-SX Datasheet HTML 10Page - Analog Devices ADMV7710-SX Datasheet HTML 11Page - Analog Devices ADMV7710-SX Datasheet HTML 12Page - Analog Devices ADMV7710-SX Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADMV7710
Rev. 0 | Page 9 of 17
40
39
30
31
32
33
34
35
36
37
38
71.0 71.5
72.5
74.0
73.5
75.0
72.0
73.0
74.5
75.5 76.0
FREQUENCY (GHz)
12dBm
14dBm
16dBm
18dBm
20dBm
Figure 21. Output IP3 vs. Frequency over POUT per Tone, IDD = 800 mA
40
39
30
31
32
33
34
35
36
37
38
14
15
17
19
16
18
20
POUT PER TONE (dBm)
500mA
600mA
700mA
800mA
900mA
Figure 22. Output IP3 vs. POUT per Tone over IDD, RF = 73.5 GHz
40
35
10
15
20
25
30
500
600
800
700
900
DRAIN CURRENT (mA)
GAIN
P1dB
PSAT
Figure 23. Gain, Output P1dB, and PSAT vs. Drain Current (IDD), RF = 71 GHz
40
39
30
31
32
33
34
35
36
37
38
14
15
17
19
16
18
20
POUT PER TONE (dBm)
500mA
600mA
700mA
800mA
900mA
Figure 24. Output IP3 vs. POUT per Tone over IDD, RF = 71 GHz
40
39
30
31
32
33
34
35
36
37
38
14
15
17
19
16
18
20
POUT PER TONE (dBm)
500mA
600mA
700mA
800mA
900mA
Figure 25. Output IP3 vs. POUT per Tone over IDD, RF = 76 GHz
40
35
10
15
20
25
30
500
600
800
700
900
DRAIN CURRENT (mA)
GAIN
P1dB
PSAT
Figure 26. Gain, Output P1dB, and PSAT vs. Drain Current (IDD), RF = 73.5 GHz


유사한 부품 번호 - ADMV7710-SX

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

유사한 설명 - ADMV7710-SX

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com