전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI002 데이터시트(PDF) 75 Page - SPANSION

부품명 S29CD032G0JQAI002
상세설명  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI002 데이터시트(HTML) 75 Page - SPANSION

Back Button S29CD032G0JQAI002 Datasheet HTML 71Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 72Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 73Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 74Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 75Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 76Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 77Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 78Page - SPANSION S29CD032G0JQAI002 Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
75
Ad va nc e
In forma t i o n
AC Characteristics
Burst Mode Read
Parameter
Description
Speed Options
Unit
JEDEC
Std.
0R
0P
0M
0J
tBACC Burst Access Time Valid Clock to Output Delay
Max 7.5 FBGA
9 FBGA
9.5 PQFP
10 FBGA
10 PQFP
17
ns
tADVCS ADV# Setup Time to Rising Edge of CLK
Min
6
7
8
9
ns
tADVCH ADV# Hold Time from Rising Edge of CLK
Min
1.5
ns
tADVP ADV# Pulse Width
Min
7.5
8.5
9.5
10.5
ns
tDVCH Valid Data Hold from CLK
Min
2
2
3
3
ns
tDIND CLK to Valid IND/WAIT#
Max 7.5 FBGA
9 FBGA
9.5 PQFP
10 FBGA
10 PQFP
17
ns
tINDH IND/WAIT# Hold from CLK
Min
2
2
3
3
ns
tIACC CLK to Valid Data Out, Initial Burst Access
Max
48
54
64
67
ns
tCLK CLK Period
Min
13.3
15.15
18.85
25
ns
Max
60
tCR CLK Rise Time
Max
3
ns
tCF
CLK Fall Time
Max
3
ns
tCH CLK High Time
Min
2
2.5
2.5
3
ns
tCL
CLK Low Time
Min
2
2.5
2.5
3
ns
tDS Data Setup to WE# Rising Edge
Min
15
16
17
18
ns
tDH Data Hold from WE# Rising Edge
Min
2
ns
tAS
Address Setup to Falling Edge of WE#
Min
5
ns
tAH Address Hold from Falling Edge of WE#
Min
25
26
27
28
ns
tCS
CE# Setup Time
Min
8
ns
tCH CE# Hold Time
Min
8
ns
tACS Address Setup Time to CLK
Min
6
7
8
9
ns
tACH
Address Hold Time from ADV# Rising Edge of CLK
while ADV# is Low
Min
3
ns
tOE Output Enable to Output Valid
Max
20
28
ns
tDF
tOEZ Output Enable to Output High Z
Min
2
2
3
3
ns
Max
7.5
10
15
17
tEHQZ
tCEZ Chip Enable to Output High Z
Max
7.5
10
15
17
ns
tCES CE# Setup Time to Clock
Min
8
9
10
11
ns


유사한 부품 번호 - S29CD032G0JQAI002

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI002 SPANSION-S29CD032G0JQAI002 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

유사한 설명 - S29CD032G0JQAI002

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com