전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI012 데이터시트(PDF) 18 Page - SPANSION

부품명 S29CD032G0JQAI012
상세설명  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI012 데이터시트(HTML) 18 Page - SPANSION

Back Button S29CD032G0JQAI012 Datasheet HTML 14Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 15Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 16Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 17Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 18Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 19Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 20Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 21Page - SPANSION S29CD032G0JQAI012 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
18
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
and the outputs are placed in the high impedance state, independent of the OE#
input.
The device enters the CMOS standby mode when the CE# and RESET# inputs are
both held at Vcc ± 0.2 V. The device requires standard access time (tCE) for read
access, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws ac-
tive current until the operation is completed.
ICC5 in the “DC Characteristics” section represents the standby current
specification.
Caution: entering the standby mode via the RESET# pin also resets the device
to the read mode and floats the data I/O pins. Furthermore, entering ICC7 during
a program or erase operation will leave erroneous data in the address locations
being operated on at the time of the RESET# pulse. These locations require up-
dating after the device resumes standard operations. Refer to the “RESET#:
Hardware Reset Pin” section for further discussion of the RESET# pin and its
functions.
RESET#: Hardware Reset Pin
The RESET# pin is an active low signal that is used to reset the device under any
circumstances. A logic “0” on this pin forces the device out of any mode that is
currently executing back to the reset state. The RESET# pin may be tied to the
system reset circuitry. A system reset would thus also reset the device. To avoid
a potential bus contention during a system reset, the device is isolated from the
DQ data bus by tristating the data output pins for the duration of the RESET
pulse. All pins are “don’t care” during the reset operation.
If RESET# is asserted during a program or erase operation, the RY/BY# pin re-
mains low until the reset operation is internally complete. This action requires
between 1 µs and 7µs for either Chip Erase or Sector Erase. The RY/BY# pin can
be used to determine when the reset operation is complete. Otherwise, allow for
the maximum reset time of 11 µs. If RESET# is asserted when a program or erase
operation is not executing (RY/BY# = “1”), the reset operation will complete
within 500 ns. The Simultaneous Read/Write feature of this device allows the user
to read a bank after 500 ns if the bank was in the read/reset mode at the time
RESET# was asserted. If one of the banks was in the middle of either a program
or erase operation when RESET# was asserted, the user must wait 11 µs before
accessing that bank.
Asserting RESET# during a program or erase operation leaves erroneous data
stored in the address locations being operated on at the time of device reset.
These locations need updating after the reset operation is complete. See Figure
19 for timing specifications.
Asserting RESET# active during VCC and VIO power-up is required to guarantee
proper device initialization until VCC and VIO have reached their steady state
voltages.
Output Disable Mode
See Table 1 Device Bus Operation for OE# Operation in Output Disable Mode.
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
protection verification, through identifier codes output on DQ7–DQ0. This mode


유사한 부품 번호 - S29CD032G0JQAI012

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI012 SPANSION-S29CD032G0JQAI012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

유사한 설명 - S29CD032G0JQAI012

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com