전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA14942 데이터시트(PDF) 5 Page - Ledil, Inc.

부품명 CA14942
상세설명  ~35째 wide beam. Assembly with location pins and installation tape.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14942 데이터시트(HTML) 5 Page - Ledil, Inc.

  CA14942 Datasheet HTML 1Page - Ledil, Inc. CA14942 Datasheet HTML 2Page - Ledil, Inc. CA14942 Datasheet HTML 3Page - Ledil, Inc. CA14942 Datasheet HTML 4Page - Ledil, Inc. CA14942 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRODUCT
DATASHEET
CA14942_MINNIE-LT-W-PIN
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 07/04/2017
Subject to change without prior notice
5/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - CA14942

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
   ~25째 medium beam. Assembly with location pins and installation tape.
logo
Cree, Inc
CA14949 CREE-CA14949 Datasheet
845Kb / 13P
   Strada series
logo
Ledil, Inc.
CA14949 LEDIL-CA14949 Datasheet
2Mb / 8P
   IESNA Type III (medium) beam with minimized backlight
More results

유사한 설명 - CA14942

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP16560 LEDIL-FP16560 Datasheet
2Mb / 8P
   ~35째 wide beam with location pin installation
CX15819 LEDIL-CX15819 Datasheet
3Mb / 5P
   ~35째 wide beam with holder and installation tape
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
   ~25째 medium beam. Assembly with location pins and installation tape.
FCA12265 LEDIL-FCA12265 Datasheet
2Mb / 4P
   ~35째 wide beam. 14.6 mm high assembly with installation tape.
CA12838 LEDIL-CA12838 Datasheet
5Mb / 11P
   ~100째 x 20째 oval beam. Assembly with location pins and installation tape
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
   ~35째 8째 oval beam. Assembly with installation tape.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
   ~35째 spot beam with holder and installation tape
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
   ~85째 wide beam. Assembly with installation tape.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
   ~40째 wide beam. Assembly with holder and installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
   ~25째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com