전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28022 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 ISL28022
상세설명  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28022 데이터시트(HTML) 3 Page - Renesas Technology Corp

  ISL28022 Datasheet HTML 1Page - Renesas Technology Corp ISL28022 Datasheet HTML 2Page - Renesas Technology Corp ISL28022 Datasheet HTML 3Page - Renesas Technology Corp ISL28022 Datasheet HTML 4Page - Renesas Technology Corp ISL28022 Datasheet HTML 5Page - Renesas Technology Corp ISL28022 Datasheet HTML 6Page - Renesas Technology Corp ISL28022 Datasheet HTML 7Page - Renesas Technology Corp ISL28022 Datasheet HTML 8Page - Renesas Technology Corp ISL28022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISL28022
FN8386 Rev 8.00
Page 3 of 32
February 4, 2016
Block Diagram
FIGURE 2. BLOCK DIAGRAM
DIGITAL
CONTROL
LOGIC
I
2C
SM BUS
A0
16
A1
SMBCLK
SMBDAT
OSC
VINM
VINP
VCC
GND
ADC
16-BIT
REG
MAP
REF
CLOCK
DIV
SW
MUX
CM = 0 TO 60V
ECLK/INT
VBUS
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL28022FUZ
8022F
-40 to +125
10 Ld MSOP
M10.118
ISL28022FRZ
022F
-40 to +125
16 Ld QFN
L16.3x3B
ISL28022EVKIT1Z
ISL28022 Evaluation Kit (Includes Dongle Board, Generic Evaluation Board, RLOAD Board)
ISL28022MBEV1Z
ISL28022 Generic Evaluation Board
ISL28022EV1Z
ISL28022 8-site Evaluation Board
NOTES:
1. Add “-T” suffix for QFN 6k or MSOP 2.5k units tape and reel options. Add “-T7A” suffix for 250 units tape and reel options. Please refer to TB347 for
details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28022. For more information on MSL please see tech brief TB363.


유사한 부품 번호 - ISL28022

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022 INTERSIL-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022EV1Z INTERSIL-ISL28022EV1Z Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022EVKIT1Z INTERSIL-ISL28022EVKIT1Z Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results

유사한 설명 - ISL28022

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com