전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28023 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 ISL28023
상세설명  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28023 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button ISL28023 Datasheet HTML 4Page - Renesas Technology Corp ISL28023 Datasheet HTML 5Page - Renesas Technology Corp ISL28023 Datasheet HTML 6Page - Renesas Technology Corp ISL28023 Datasheet HTML 7Page - Renesas Technology Corp ISL28023 Datasheet HTML 8Page - Renesas Technology Corp ISL28023 Datasheet HTML 9Page - Renesas Technology Corp ISL28023 Datasheet HTML 10Page - Renesas Technology Corp ISL28023 Datasheet HTML 11Page - Renesas Technology Corp ISL28023 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
ISL28023
FN8389 Rev 5.00
Page 8 of 55
March 18, 2016
ADC TIMING
ts Power-up
ADC Conversion Time Resolution
ADC[2:0] = 0h
64
70.4
µs
ADC[2:0] = 1h
128
140.8
µs
ADC[2:0] = 2h
256
281.6
µs
ADC[2:0] = 3h
512
563.2
µs
ADC[2:0] = 4, 5h
1.024
1.126
ms
ADC[2:0] = 6, 7h
2.048
2.253
ms
THRESHOLD DETECTORS
Overvoltage (OV) VBUS Threshold Voltage
Range
Vbus_Thres_Rng[2:0] = ALL
25
125
% of FS
Overvoltage (OV) VBUS Threshold DAC Step
Size
Vbus_Thres_Rng[2:0] = ALL
1.56
% of FS
Undervoltage (UV) VBUS Threshold Voltage
Range
Vbus_Thres_Rng[2:0] = ALL
0
100
% of FS
Undervoltage (UV) VBUS Threshold DAC
Step Size
Vbus_Thres_Rng[2:0] = ALL
1.56
% of FS
VBUS Threshold Detector Full-Scale
Settings
ISL28025FI60Z
Vbus_Thres_Rng[2:0] = 0; OT_SEL = 0
48
V
Vbus_Thres_Rng[2:0] = 1; OT_SEL = 0
24
V
Vbus_Thres_Rng[2:0] = 2; OT_SEL = 0
12
V
Vbus_Thres_Rng[2:0] = 3; OT_SEL = 0
5
V
Vbus_Thres_Rng[2:0] = 4; OT_SEL = 0
3.3
V
Vbus_Thres_Rng[2:0] = 5; OT_SEL = 0
2.5
V
VBUS Threshold Detector Full-Scale
Settings
ISL28025FI12Z
Vbus_Thres_Rng[2:0] = 0; OT_SEL = 0
12
V
Vbus_Thres_Rng[2:0] = 1; OT_SEL = 0
6
V
Vbus_Thres_Rng[2:0] = 2; OT_SEL = 0
3
V
Vbus_Thres_Rng[2:0] = 3; OT_SEL = 0
2.5
V
Vbus_Thres_Rng[2:0] = 4; OT_SEL = 0
0.825
V
Vbus_Thres_Rng[2:0] = 5; OT_SEL = 0
0.625
V
Over-Temperature Threshold Detector
Range
OT_SEL = 1
-40
135
°C
Over-Temperature Threshold Detector
Resolution Error
±5
°C
Overcurrent (OC) VSHUNT Threshold
Voltage Range
OCRNG = ALL
25
125
% of FS
Overcurrent (OC) VSHUNT Threshold DAC
Step Size
OCRNG = ALL
1.56
% of FS
VSHUNT Threshold Detector Full-Scale
Settings
OCRNG = 0
80
mV
OCRNG = 1
40
mV
MARGINING DAC, ANALOG OUTPUT
Resolution
8Bits
DNL
±1
LSB
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


유사한 부품 번호 - ISL28023

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
More results

유사한 설명 - ISL28023

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com