전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP50R07N2E4 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 FP50R07N2E4
상세설명  EconoPIM2 Modul mit Trench
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R07N2E4 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button FP50R07N2E4 Datasheet HTML 2Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 3Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 4Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 5Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 6Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 7Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 8Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 9Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
6
V3.0
2017-06-22
FP50R07N2E4
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

2,5
 kV
MaterialModulgrundplatte
Materialofmodulebaseplate

Cu

InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)

Al2O3

Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal

10,0
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal

7,5
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex
CTI

> 200

min.
typ.
max.
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proModul/permodule
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH
0,02
K/W
Modulstreuinduktivität
Strayinductancemodule
LsCE
35
nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RCC'+EE'
RAA'+CC'
4,00
3,00
m
Lagertemperatur
Storagetemperature
Tstg
-40
125
°C
Anzugsdrehmomentf.Modulmontage
Mountingtorqueformodulmounting
SchraubeM5-Montagegem.gültigerApplikationsschrift
ScrewM5-Mountingaccordingtovalidapplicationnote
M
3,00
6,00
Nm
Gewicht
Weight
G
180
g


유사한 부품 번호 - FP50R07N2E4

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP50R07N2E4_B11 INFINEON-FP50R07N2E4_B11 Datasheet
777Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-04-21
More results

유사한 설명 - FP50R07N2E4

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP50R12KT4_B11 INFINEON-FP50R12KT4_B11_13 Datasheet
835Kb / 12P
   EconoPIM2 Modul mit Trench
2013-10-16 revision:3.0
FP75R07N2E4_B11 INFINEON-FP75R07N2E4_B11 Datasheet
839Kb / 12P
   EconoPIM2 Modul mit Trench
2014-07-23 revision:2.1
FP25R12KT4_B11 INFINEON-FP25R12KT4_B11 Datasheet
824Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-25 revision:2.0
FP75R07N2E4 INFINEON-FP75R07N2E4 Datasheet
752Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-06-22
FP50R07N2E4_B11 INFINEON-FP50R07N2E4_B11 Datasheet
777Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-04-21
FP50R12KT4 INFINEON-FP50R12KT4_13 Datasheet
645Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP25R12KT4 INFINEON-FP25R12KT4_13 Datasheet
819Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-05 revision:3.0
FP35R12KT4 INFINEON-FP35R12KT4_13 Datasheet
652Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15_13 Datasheet
832Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP40R12KE3 INFINEON-FP40R12KE3_13 Datasheet
562Kb / 11P
   EconoPIM2 Modul mit Trench
2013-10-02 revision:3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com