전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP50R12KT4G 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 FP50R12KT4G
상세설명  EconoPIM3 Modul mit schnellem Trench
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12KT4G 데이터시트(HTML) 5 Page - Infineon Technologies AG

  FP50R12KT4G_13 Datasheet HTML 1Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 2Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 3Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 4Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 5Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 6Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 7Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 8Page - Infineon Technologies AG FP50R12KT4G_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
TechnischeInformation/TechnicalInformation
FP50R12KT4G
IGBT-Module
IGBT-modules
preparedby:CM
approvedby:RS
dateofpublication:2013-11-11
revision:3.0
Diode,Brems-Chopper/Diode,Brake-Chopper
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1200
 V
Dauergleichstrom
ContinuousDCforwardcurrent

IF

15
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

30
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
I²t

48,0
 A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 15 A, VGE = 0 V
IF = 15 A, VGE = 0 V
IF = 15 A, VGE = 0 V
VF
1,75
1,75
1,75
2,15
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 15 A, - diF/dt = 250 A/µs (Tvj=150°C)
VR = 600 V
IRM

11,0
13,5
14,0

A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Sperrverzögerungsladung
Recoveredcharge
IF = 15 A, - diF/dt = 250 A/µs (Tvj=150°C)
VR = 600 V
Qr

1,20
2,20
2,50

µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 15 A, - diF/dt = 250 A/µs (Tvj=150°C)
VR = 600 V
Erec

0,50
0,90
1,00

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC


1,50
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,37
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

150
°C
NTC-Widerstand/NTC-Thermistor
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Nennwiderstand
Ratedresistance
TC = 25°C
R25

5,00

k
AbweichungvonR100
DeviationofR100
TC = 100°C, R100 = 493
∆R/R
-5

5
%
Verlustleistung
Powerdissipation
TC = 25°C
P25


20,0
mW
B-Wert
B-value
R2 = R25 exp [B25/50(1/T2 - 1/(298,15 K))]
B25/50

3375

K
B-Wert
B-value
R2 = R25 exp [B25/80(1/T2 - 1/(298,15 K))]
B25/80

3411

K
B-Wert
B-value
R2 = R25 exp [B25/100(1/T2 - 1/(298,15 K))]
B25/100

3433

K
AngabengemäßgültigerApplicationNote.
Specificationaccordingtothevalidapplicationnote.


유사한 부품 번호 - FP50R12KT4G_13

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP50R12KT4G_B15 INFINEON-FP50R12KT4G_B15 Datasheet
833Kb / 12P
   EconoPIM3 Modul mit Trench
2013-11-05 revision:3.0
More results

유사한 설명 - FP50R12KT4G_13

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP75R12KT4P_B11 INFINEON-FP75R12KT4P_B11 Datasheet
746Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-04-11
FP100R06KE3 INFINEON-FP100R06KE3 Datasheet
629Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:2.0
FP75R12KT3 INFINEON-FP75R12KT3 Datasheet
572Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:3.0
FP75R12KT4 INFINEON-FP75R12KT4_18 Datasheet
699Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2018-03-02
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11_13 Datasheet
873Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-29 revision:3.0
FP75R12KT4P INFINEON-FP75R12KT4P Datasheet
739Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-03-17
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11_13 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
FP150R12KT4P INFINEON-FP150R12KT4P Datasheet
762Kb / 12P
   EconoPIM3 Modul mit Trench
V3.1 2017-08-21
FP100R12KT4 INFINEON-FP100R12KT4_13 Datasheet
673Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
FP75R12KT4_B15 INFINEON-FP75R12KT4_B15_13 Datasheet
668Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com