전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97682 데이터시트(PDF) 15 Page - Renesas Technology Corp

부품명 ISL97682
상세설명  Compact 2-3-4-Ch LED Drivers with Phase Shift Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97682 데이터시트(HTML) 15 Page - Renesas Technology Corp

Back Button ISL97682 Datasheet HTML 10Page - Renesas Technology Corp ISL97682 Datasheet HTML 11Page - Renesas Technology Corp ISL97682 Datasheet HTML 12Page - Renesas Technology Corp ISL97682 Datasheet HTML 13Page - Renesas Technology Corp ISL97682 Datasheet HTML 14Page - Renesas Technology Corp ISL97682 Datasheet HTML 15Page - Renesas Technology Corp ISL97682 Datasheet HTML 16Page - Renesas Technology Corp ISL97682 Datasheet HTML 17Page - Renesas Technology Corp ISL97682 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ISL97682, ISL97683, ISL97684
FN7689 Rev.2.00
Page 15 of 18
Sep 19, 2017
Components Selections
According to the inductor Voltage-Second Balance principle, the
change of inductor current during the switching regulator
On-time is equal to the change of inductor current during the
switching regulator Off-time. Since the voltage across an inductor
is as shown in Equation 10:
and
IL @ On = IL @ Off, therefore:
where D is the switching duty cycle defined by the turn-on time
over the switching periods. VD is a Schottky diode forward
voltage that can be neglected for approximation.
Rearranging the terms without accounting for VD gives the boost
ratio and duty cycle as Equations 12 and 13:
Input Capacitor
Switching regulators require input capacitors to deliver peak
charging current and to reduce the impedance of the input
supply. This reduces interaction between the regulator and input
supply, thereby improving system stability. The high switching
frequency of the loop causes almost all ripple current to flow in
the input capacitor, which must be rated accordingly.
A capacitor with low internal series resistance should be chosen
to minimize heating effects and improve system efficiency, such
as X5R or X7R ceramic capacitors, which offer small size and a
lower value of temperature and voltage coefficient compared to
other ceramic capacitors.
It is recommended that an input capacitor of at least 10µF be
used. Ensure the voltage rating of the input capacitor is suitable
to handle the full supply range.
Inductor
The selection of the inductor should be based on its maximum
and saturation current (ISAT) characteristics, power dissipation
(DCR), EMI susceptibility (shielded vs unshielded), and size.
Inductor type and value influence many key parameters,
including ripple current, current limit, efficiency, transient
performance and stability.
The inductor’s maximum current capability must be adequate
enough to handle the peak current at the worst case condition.
Additionally if an inductor core is chosen with too low a current
rating, saturation in the core will cause the effective inductor
value to fall, leading to an increase in peak to average current
level, poor efficiency and overheating in the core. The series
resistance, DCR, within the inductor causes conduction loss and
heat dissipation. A shielded inductor is usually more suitable for
EMI susceptible applications, such as LED backlighting.
The peak current can be derived from the voltage across the
inductor during the Off-period, expressed in Equation 14:
The choice of 85% is just an average term for the efficiency
approximation. The first term is the average current, which is
inversely proportional to the input voltage. The second term is
the inductor current change, which is inversely proportional to L
and FSW as a result, for a given switching.
Applications
Low Voltage Operations
The ISL97682, ISL97683, ISL97684 VIN pin can be separately
biased from the LEDs power input to allow low voltage operation.
For systems that have only single supply, VOUT can be tied to the
driver VIN pin to allow initial start-up; see Figure 26. The circuit
works as follows; when the input voltage is available and the
device is not enabled, the VOUT follows VIN with a Schottky diode
voltage drop. The VOUT bootstrapped to VIN pin allows an initial
start-up once the part is enabled. Once the driver starts up with
VOUT regulating to the target, the VIN pin voltage also increases.
As long as the VOUT does not exceed 26.5V and the extra power
loss on VIN is acceptable, this configuration can be used for input
voltage as low as 3.0V. For systems where a single input supply
of 4V to 5.5V is available, the VIN pin can be shorted to VDC,
allowing a slight gain in efficiency due to bypassing the internal
LDO.
For systems that have dual supplies, the VIN pin can be biased
from 5V to 12V. The input voltage can be as low as 2.7V without
the limitations previously mentioned; see Figure 27.
VL
L
IL t
=
(EQ. 10)
V
I 0 L
DtS
VO VD VI

=
L1
D
 tS
(EQ. 11)
VO VI 11 D

=
(EQ. 12)
DVO
VI VO
=
(EQ. 13)
ILpeak
VO
IO 85%
VI 12 VI VO
VI L
VO fSW

+
=
(EQ. 14)
FIGURE 26. SINGLE SUPPLY 3V OPERATION
VIN = 3V ~ 24V
VIN
VDC
EN
PWMI
FSW
RSET
COMP
LX
OVP
PGND
CH1
CH2
CH3
CH4
AGND
ISL97684
VOUT < 26.5V
20mA


유사한 부품 번호 - ISL97682

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97682 INTERSIL-ISL97682 Datasheet
525Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
ISL97682IRTZ INTERSIL-ISL97682IRTZ Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97682IRTZ INTERSIL-ISL97682IRTZ Datasheet
525Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
ISL97682IRTZ-EVALZ INTERSIL-ISL97682IRTZ-EVALZ Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results

유사한 설명 - ISL97682

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97682IRTZ INTERSIL-ISL97682IRTZ Datasheet
525Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com