전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97692 데이터시트(PDF) 22 Page - Renesas Technology Corp

부품명 ISL97692
상세설명  Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97692 데이터시트(HTML) 22 Page - Renesas Technology Corp

Back Button ISL97692 Datasheet HTML 18Page - Renesas Technology Corp ISL97692 Datasheet HTML 19Page - Renesas Technology Corp ISL97692 Datasheet HTML 20Page - Renesas Technology Corp ISL97692 Datasheet HTML 21Page - Renesas Technology Corp ISL97692 Datasheet HTML 22Page - Renesas Technology Corp ISL97692 Datasheet HTML 23Page - Renesas Technology Corp ISL97692 Datasheet HTML 24Page - Renesas Technology Corp ISL97692 Datasheet HTML 25Page - Renesas Technology Corp ISL97692 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ISL97692, ISL97693, ISL97694A
FN7839 Rev.6.00
Page 22 of 32
Sep 8, 2017
The minimum voltage, VOVP(min) = 24.53V, sets the maximum
number of LEDs per channel because this is the worst case
minimum voltage that the boost converter is guaranteed to
supply.
The maximum voltage, VOVP(max) = 25.88V, sets the minimum
number of LEDs per channel because it sets the lowest voltage
that the boost converter is guaranteed to reach:
40% x 25.88V = 10.35V.
Using LEDs with a VF tolerance of 3V to 4V, this VOVP example is
suitable for strings of 4 to 6 LEDs. If fewer than 4 LEDs per
channel are specified, VOVP must be reduced.
Switching Frequency
The boost switching frequency is adjusted by resistor RFSW
(Equation 15):
Where:
-8.65x1010 is determined by design
-fSW is the desirable boost switching frequency (Hz)
-RFSW is resistor from FSW pin to GND (Ω)
Inductor
Choose the inductance according to Table 4:
The inductor saturation current rating should be as provided by
Equation 16:
Where:
-IL is the minimum inductor saturation current rating (A)
-VOUT is the maximum output voltage set by OVP (V)
-ILED is the sum of the channel currents (A)
-VIN is the minimum input voltage (V)
If the calculation produces a current rating higher than the 3.08A
maximum boost switch current limit, then a 3A inductor current
rating is adequate.
For example, for a system using 4 LED channels with 30mA per
channel and a maximum output voltage (OVP) of 24.53V with an
input supply of 2.7V minimum as shown by Equation 17:
Output Capacitor
It is recommended that a two of 4.7µF X5R/X7R or equivalent
ceramic output capacitor is used.
Schottky Diode
The Schottky diode should be rated for at least the same forward
current as the inductor, and for a reverse voltage equal to at least
the maximum output voltage, OVP.
Compensation
The ISL97692, ISL97693, ISL97694A are boost regulator uses a
current mode control architecture with a standardized external
compensation network connected to the COMP pin. The
component values shown in the “Typical Application Circuits” on
page 3, are ideal for most typical applications. The network
comprises a series RC of 12kΩ and 15nF from COMP to GND.
Applications
Unused LED Channels
Connect unused LED channels to GND.
Dimming Mode Setting
High Current Applications
Each channel of the ISL97692 supports 40mA continuous sink
current. Each channel of the ISL97693, ISL97694A supports 30mA
continuous sink current. For applications that need higher current,
multiple channels can be ganged together (Tables 6 and 7).
TABLE 4. INDUCTOR SELECTION
BOOST FREQUENCY
INDUCTANCE
(µH)
400kHz to 700kHz
10 to 15
700kHz to 1MHz
6.8 to 10
1MHz to 1.5MHz
4.7 to 8.2
1.5MHz
3.3 to 4.7
fSW
8.65
10
10

RFSW
--------------------------------
=
(EQ. 15)
IL
1.35 VOUT ILED
VIN
-----------------------------------------------------
=
(EQ. 16)
IL
1.35 24.53
4 0.03

2.7
-----------------------------------------------------------------
1.47A
==
(EQ. 17)
TABLE 5. DIMMING MODE SETTING OF ISL97694A
DIMMING
MODE
SCL
SDA /PWMI
FPWM
Direct PWM
GND
PWM
VIN
Phase shift
PWM
GND
PWM
Connect a resistor FPWM pin to
GND
I2C Control
SCL
SDA
Connect a resistor FPWM pin to
GND
TABLE 6. GANGED ISL97692 CHANNELS FOR HIGHER CURRENT
TOTAL
CHANNELS
CHANNEL
CURRENT
CHANNEL CONNECTIONS
4
40mA per channel
CH1, CH2, CH3, CH4
2
80mA per channel
{CH1 & CH2}, {CH3 & CH4}
1
160mA
{CH1 & CH2 & CH3 & CH4}
TABLE 7. GANGED ISL97693, ISL97694A CHANNELS FOR HIGHER
CURRENT
TOTAL
CHANNELS
CHANNEL
CURRENT
CHANNEL CONNECTIONS
6
30mA per channel
CH1, CH2, CH3, CH4, CH5, CH6
3
60mA per channel
{CH1, CH2}, {CH3, CH4}, {CH5, CH6}
2
90mA per channel
{CH1, CH2, CH3},
{CH4, CH5, CH6}
1
180mA
{CH1, CH2, CH3, CH4, CH5, CH6}


유사한 부품 번호 - ISL97692

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-EVZ INTERSIL-ISL97692IIZ-EVZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-T INTERSIL-ISL97692IIZ-T Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results

유사한 설명 - ISL97692

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com