전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV116S92 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 BAV116S92
상세설명  SURFACE MOUNT LOW LEAKAGE DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116S92 데이터시트(HTML) 4 Page - Diodes Incorporated

  BAV116S92 Datasheet HTML 1Page - Diodes Incorporated BAV116S92 Datasheet HTML 2Page - Diodes Incorporated BAV116S92 Datasheet HTML 3Page - Diodes Incorporated BAV116S92 Datasheet HTML 4Page - Diodes Incorporated BAV116S92 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAV116S92
Document number: DS38336 Rev. 3 - 2
4 of 5
www.diodes.com
December 2015
© Diodes Incorporated
BAV116S92
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOD923 (0.2mm Lead Width)
SOD923
(0.2mm Lead Width)
Dim
Min
Max
Typ
A
0.34
0.40
0.37
b
0.15
0.25
0.20
c
0.070 0.170 0.120
D
0.55
0.65
0.60
E
0.75
0.85
0.80
He
0.95
1.05
1.00
L
0.05
0.15
0.10
L2
0.190 REF
a1
a2
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOD923 (0.2mm Lead Width)
Dimensions
Value
(in mm)
C
0.900
X
0.300
Y
0.400
b(2x)
L2
A
A
E
He
D
c
L
a2
X
Y
C
X


유사한 부품 번호 - BAV116S92

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAV116-7 DIODES-BAV116-7 Datasheet
69Kb / 2P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30291 Rev. 2 - 2
BAV116HWF DIODES-BAV116HWF Datasheet
324Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116HWF-7 DIODES-BAV116HWF-7 Datasheet
324Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116HWFQ DIODES-BAV116HWFQ Datasheet
355Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116HWFQ-7 DIODES-BAV116HWFQ-7 Datasheet
355Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results

유사한 설명 - BAV116S92

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com