전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP100R06KE3 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 FP100R06KE3
상세설명  EconoPIM3 Modul mit schnellem Trench
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP100R06KE3 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button FP100R06KE3 Datasheet HTML 3Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 4Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 5Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 6Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 7Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 8Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 9Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 10Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TechnischeInformation/TechnicalInformation
FP100R06KE3
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=100A,VCE=300V
RG [
Ω]
0
10 20 30 40 50 60 70 80 90 100 110 120
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
ZthJC : Diode
i:
ri[K/W]:
τi[s]:
1
0,048
0,01
2
0,264
0,02
3
0,256
0,05
4
0,232
0,1
DurchlasskennliniederDiode,Gleichrichter(typisch)
forwardcharacteristicofDiode,Rectifier(typical)
IF=f(VF)
VF [V]
0,0 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4
0
20
40
60
80
100
120
140
160
180
200
Tvj = 25°C
Tvj = 150°C
AusgangskennlinieIGBT,Brems-Chopper(typisch)
outputcharacteristicIGBT,Brake-Chopper(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6
0
10
20
30
40
50
60
70
80
90
100
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C


유사한 부품 번호 - FP100R06KE3

제조업체부품명데이터시트상세설명
logo
eupec GmbH
FP100R06KE3 EUPEC-FP100R06KE3 Datasheet
417Kb / 12P
   EconoPIM3 module with fast trench/fiedstop IGBT and EmCon3 diode
More results

유사한 설명 - FP100R06KE3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP75R12KT4P_B11 INFINEON-FP75R12KT4P_B11 Datasheet
746Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-04-11
FP50R12KT4G INFINEON-FP50R12KT4G_13 Datasheet
852Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-11-11 revision:3.0
FP75R12KT3 INFINEON-FP75R12KT3 Datasheet
572Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:3.0
FP75R12KT4 INFINEON-FP75R12KT4_18 Datasheet
699Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2018-03-02
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11_13 Datasheet
873Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-29 revision:3.0
FP75R12KT4P INFINEON-FP75R12KT4P Datasheet
739Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-03-17
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11_13 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
FP150R12KT4P INFINEON-FP150R12KT4P Datasheet
762Kb / 12P
   EconoPIM3 Modul mit Trench
V3.1 2017-08-21
FP100R12KT4 INFINEON-FP100R12KT4_13 Datasheet
673Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
FP75R12KT4_B15 INFINEON-FP75R12KT4_B15_13 Datasheet
668Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com